Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 323Page - Renesas Technology Corp M16C/29 Datasheet HTML 324Page - Renesas Technology Corp M16C/29 Datasheet HTML 325Page - Renesas Technology Corp M16C/29 Datasheet HTML 326Page - Renesas Technology Corp M16C/29 Datasheet HTML 327Page - Renesas Technology Corp M16C/29 Datasheet HTML 328Page - Renesas Technology Corp M16C/29 Datasheet HTML 329Page - Renesas Technology Corp M16C/29 Datasheet HTML 330Page - Renesas Technology Corp M16C/29 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 303
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.3 Configuration of the CAN Module System Clock
The M16C/29 Group has a CAN module system clock select circuit.
Configuration of the CAN module system clock can be done through manipulating the CCLKR register and
the BRP bit in the C0CONR register.
For the CCLKR register, refer to 7. Clock Generation Circuit.
Figure 17.19
shows a block diagram of the clock generation circuit of the CAN module system.
Figure 17.20 Bit Timing
1/2
Divide-by-1 (undivided)
Divide-by-2
Divide-by-4
Divide-by-8
Divide-by-16
Prescaler
Baud rate
prescaler
division value
: P + 1
fCAN
fCANCLK
fCAN:
CAN module system clock
P:
The value written in the BRP bit of the C0CONR register. P = 0 to 15
fCANCLK: CAN communication clock fCANCLK = fCAN/2(P + 1)
CAN module
system clock
divider
CCLKR register
Value: 1, 2, 4, 8, 16
CAN module
f1
The range of each segment: Bit time = 8 to 25Tq
SS = 1Tq
PTS = 1Tq to 8Tq
PBS1 = 2Tq to 8Tq
PBS2 = 2Tq to 8Tq
SJW = 1Tq to 4Tq
Configuration of PBS1 and PBS2: PBS1 ≥ PBS2
PBS1 ≥ SJW
PBS2 ≥ 2 when SJW = 1
PBS2 ≥ SJW when 2 ≤ SJW ≤ 4
Bit time
SS
PTS
PBS1
SJW
Sampling point
PBS2
SJW
Figure 17.19 Block Diagram of CAN Module System Clock Generation Circuit
17.3.1 Bit Timing Configuration
The bit time consists of the following four segments:
• Synchronization segment (SS)
This serves for monitoring a falling edge for synchronization.
• Propagation time segment (PTS)
This segment absorbs physical delay on the CAN network which amounts to double the total sum
of delay on the CAN bus, the input comparator delay, and the output driver delay.
• Phase buffer segment 1 (PBS1)
This serves for compensating the phase error. When the falling edge of the bit falls later than
expected, the segment can become longer by the maximum of the value defined in SJW.
• Phase buffer segment 2 (PBS2)
This segment has the same function as the phase buffer segment 1. When the falling edge of the
bit falls earlier than expected, the segment can become shorter by the maximum of the value
defined in SJW.
Figure 17.20
shows the bit timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com