Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 320Page - Renesas Technology Corp M16C/29 Datasheet HTML 321Page - Renesas Technology Corp M16C/29 Datasheet HTML 322Page - Renesas Technology Corp M16C/29 Datasheet HTML 323Page - Renesas Technology Corp M16C/29 Datasheet HTML 324Page - Renesas Technology Corp M16C/29 Datasheet HTML 325Page - Renesas Technology Corp M16C/29 Datasheet HTML 326Page - Renesas Technology Corp M16C/29 Datasheet HTML 327Page - Renesas Technology Corp M16C/29 Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 300
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.2 Operating Modes
The CAN module has the following four operating modes.
• CAN Reset/Initialization Mode
• CAN Operating Mode
• CAN Sleep Mode
• CAN Interface Sleep Mode
Figure 17.17
shows transition between operating modes.
Figure 17.17 Transition Between Operating Modes
17.2.1 CAN Reset/Initialization Mode
The CAN reset/initialization mode is activated upon MCU reset or by setting the Reset bit in the C0CTLR
register to 1. If the Reset bit is set to 1, check that the State_Reset bit in the C0STR register is set to 1.
Entering the CAN reset/initialization mode initiates the following functions by the module:
• CAN communication is impossible.
• When the CAN reset/initialization mode is activated during an ongoing transmission in operation
mode, the module suspends the mode transition until completion of the transmission (successful,
arbitration loss, or error detection). Then, the State_Reset bit is set to 1, and the CAN reset/
initialization mode is activated.
• Registers C0MCTLj (j = 0 to 15), C0STR, C0ICR, C0IDR, C0RECR, C0TECR, and C0TSR are
initialized. All these registers are locked to prevent CPU modification.
• Registers C0CTLR, C0CONR, C0GMR, C0LMAR, and C0LMBR and the CAN0 message box
retain their contents and are available for CPU access.
MCU Reset
CAN reset/initialization
mode
State_Reset = 1
CAN operating mode
State_Reset = 0
CAN sleep mode
CAN interface
sleep mode
Bus off state
State_BusOff = 1
Reset = 0
CCLK3 = 1
Sleep = 1
Sleep = 0
TEC > 255
when 11 consecutive
recessive bits are
detected 128 times
or
RetBusOff = 1
CCLK3 = 0
Reset = 1
Reset = 1
CCLK3: Bit in the CCLKR register
Reset, Sleep, RetBusOff: Bits in the C0CTLR register
State_Reset, tate_BusOff: Bits in the C0STR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com