Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 330Page - Renesas Technology Corp M16C/29 Datasheet HTML 331Page - Renesas Technology Corp M16C/29 Datasheet HTML 332Page - Renesas Technology Corp M16C/29 Datasheet HTML 333Page - Renesas Technology Corp M16C/29 Datasheet HTML 334Page - Renesas Technology Corp M16C/29 Datasheet HTML 335Page - Renesas Technology Corp M16C/29 Datasheet HTML 336Page - Renesas Technology Corp M16C/29 Datasheet HTML 337Page - Renesas Technology Corp M16C/29 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 499 page
background image
17. CAN Module
p
u
o
r
G
9
2
/
C
6
1
M
page 310
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
17.10.1 Reception
Figure 17.25
shows the behavior of the module when receiving two consecutive CAN messages, that fit
into the slot of the shown C0MCTLj register (j = 0 to 15) and leads to losing/overwriting of the first
message.
CANbus
RecReq bit
InvalData bit
CAN0 Successful
Reception Interrupt
RecState bit
RecSucc bit
MBOX bit
NewData bit
SOF
ACK
EOF
EOF
IFS
IFS
SOF
Receive slot No.
MsgLost bit
(1)
(2)
(2)
(3)
(4)
(5)
(5)
(5)
j = 0 to 15
ACK
Figure 17.25 Timing of Receive Data Frame Sequence
(1) On monitoring a SOF on the CAN bus the RecState bit in the C0STR register becomes 1 (CAN module
is receiver) immediately, given the module has no transmission pending.
(2) After successful reception of the message, the NewData bit in the C0MCTLj register (j = 0 to 15) of the
receiving slot becomes 1 (stored new data in slot). The InvalData bit in the C0MCTLj register
becomes 1 (message is being updated) at the same time and the InvalData bit becomes 0 (message is
valid) again after the complete message was transferred to the slot.
(3) When the interrupt enable bit in the C0ICR register of the receiving slot = 1 (interrupt enabled), the
CAN0 successful reception interrupt request is generated and the MBOX bit in the C0STR register is
changed. It shows the slot number where the message was stored and the RecSucc bit in the
C0STR register is active.
(4) Read the message out of the slot after setting the New Data bit to 0 (the content of the slot is read or
still under processing by the CPU) by program.
(5) If the NewData bit is set to 0 by program or the next CAN message is received successfully before the
receive request for the slot is canceled, the MsgLost bit in the C0MCTLj register is set to 1 (message
has been overwritten). The new received message is transferred to the slot. Generating of an
interrupt request and change of the C0STR register are same as in 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com