Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 334Page - Renesas Technology Corp M16C/29 Datasheet HTML 335Page - Renesas Technology Corp M16C/29 Datasheet HTML 336Page - Renesas Technology Corp M16C/29 Datasheet HTML 337Page - Renesas Technology Corp M16C/29 Datasheet HTML 338Page - Renesas Technology Corp M16C/29 Datasheet HTML 339Page - Renesas Technology Corp M16C/29 Datasheet HTML 340Page - Renesas Technology Corp M16C/29 Datasheet HTML 341Page - Renesas Technology Corp M16C/29 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 499 page
background image
18. CRC Calculation Circuit
p
u
o
r
G
9
2
/
C
6
1
M
page 314
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 18.2. CRCD, CRCIN, CRCMR, CRCSAR Register
Symbol
Address
After Reset
CRCD
03BD16 to 03BC16
Undefined
b7
b0 b7
b0
(b15)
(b8)
CRC Data Register
Function
Setting Range
000016 to FFFF16
RW
RW
Symbol
Address
After Reset
CRCIN
03BE16
Undefined
b7
b0
CRC Input Register
Data input
Function
0016 to FF16
RW
RW
Setting Range
CRC calculation result output
Symbol
Address
After Reset
CRCMR
03B616
0XXXXXX02
b7
b0
CRC Mode Register
CRC mode polynomial
selection bit
Function
0: LSB first
1: MSB first
RW
RW
Bit name
Bit symbol
CRC mode selection bit
CRCPS
CRCMS
RW
Nothing is assigned.
Write "0" when writing to this bit. The value is indeterminate if read.
0: X16+X12+X5+1 (CRC-CCITT)
1: X16+X15+X2+1 (CRC-16)
CRC mode polynomial
selection bit
Function
0: LSB first
1: MSB first
RW
RW
Bit Name
Bit Symbol
CRC mode selection bit
CRCPS
CRCMS
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
0: X16+X12+X5+1 (CRC-CCITT)
1: X16+X15+X2+1 (CRC-16)
(b6-b1)
Symbol
Address
After Reset
CRCSAR
03B516 to 03B416
00XXXXXX XXXXXXXX2
b7
b0 b7
b0
(b15)
(b8)
SFR Snoop Address Register
CRC mode polynomial
selection bit
Function
RW
RW
Bit Name
Bit Symbol
CRCSR
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined
SFR address to snoop
Function
0: Disabled
1: Enabled(1)
RW
CRCSW
CRCSAR9-0
CRC snoop on read
enable bit
CRC snoop on write
enable bit
0: Disabled
1: Enabled(1)
RW
(b13-b10)
NOTE:
1. Set bits CRCSR and CRCSW to 0 if the PLC07 bit in the PLC0 register is set to 1 (PLL on) and the PM20 bit in
the PM2 register is set to 0 (SFR access 2 wait).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com