Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 335Page - Renesas Technology Corp M16C/29 Datasheet HTML 336Page - Renesas Technology Corp M16C/29 Datasheet HTML 337Page - Renesas Technology Corp M16C/29 Datasheet HTML 338Page - Renesas Technology Corp M16C/29 Datasheet HTML 339Page - Renesas Technology Corp M16C/29 Datasheet HTML 340Page - Renesas Technology Corp M16C/29 Datasheet HTML 341Page - Renesas Technology Corp M16C/29 Datasheet HTML 342Page - Renesas Technology Corp M16C/29 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 499 page
background image
18. CRC Calculation Circuit
p
u
o
r
G
9
2
/
C
6
1
M
page 315
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 18.3. CRC Calculation
(1) Setting 000016 (initial value)
b15
b0
1 0001 0000 0010 0001 1000 0000 0000 0000 0000 0000
1000 1000 0001 0000 1
1000 0001 0000 1000 0
1000 1000 0001 0000 1
1001 0001 1000 1000
1000 1000
MSB
Modulo-2 operation is
operation that complies
with the law given below.
0 + 0 = 0
0 + 1 = 1
1 + 0 = 1
1 + 1 = 0
-1 = 1
The code resulting from sending 0116 in LSB first mode is (10000 0000).This the CRC code in the generating polynomial,
(X16 + X12 + X5 + 1), becomes the remainder resulting from dividing (1000 0000)X16 by ( 1 0001 0000 0010 0001) in
conformity with the modulo-2 operation.
(2) Setting 0116
b0
b7
b15
b0
118916
2 cycles
After CRC calculation is complete
Thus the CRC code becomes ( 1001 0001 1000 1000). Since the operation is in LSB first mode, the (1001 0001 1000 1000)
corresponds to 118916 in hexadecimal notation. If the CRC operation in MSB first mode is necessary, set the CRC mode
selection bit to 1. CRC data register stores CRC code for MSB first mode.
CRD data register CRCD
[03BD16, 03BC16]
CRC input register CRCIN
[03BE16]
CRD data register CRCD
[03BD16, 03BC16]
CRC input register CRCIN
[03BE16]
(3) Setting 2316
b0
b7
b15
b0
0A4116
After CRC calculation is complete
CRD data register CRCD
[03BD16, 03BC16]
98
1
1
MSB
LSB
LSB
Stores CRC code
Stores CRC code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com