Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 336Page - Renesas Technology Corp M16C/29 Datasheet HTML 337Page - Renesas Technology Corp M16C/29 Datasheet HTML 338Page - Renesas Technology Corp M16C/29 Datasheet HTML 339Page - Renesas Technology Corp M16C/29 Datasheet HTML 340Page - Renesas Technology Corp M16C/29 Datasheet HTML 341Page - Renesas Technology Corp M16C/29 Datasheet HTML 342Page - Renesas Technology Corp M16C/29 Datasheet HTML 343Page - Renesas Technology Corp M16C/29 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 499 page
background image
19. Programmable I/O Ports
p
u
o
r
G
9
2
/
C
6
1
M
page 316
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
19. Programmable I/O Ports
Note
Ports P04 to P07, P10 to P14 , P34 to P37 and P95 to P97 are not available in 64-pin package.
The programmable input/output ports (hereafter referred to simply as “I/O ports”) consist of 71 lines P0, P1,
P2, P3, P6, P7, P8, P9, P10 (except P94) for the 80-pin package, or 55 lines P00 to P03, P15 to P17, P2, P30
to P33, P6, P7, P8, P90 to P93, P10 for the 64-pin package. Each port can be set for input or output every
line by using a direction register, and can also be chosen to be or not be pulled high in sets of 4 lines.
Figures 19.1
to 19.4 show the I/O ports. Figure 19.5 shows the I/O pins.
Each pin functions as an I/O port, a peripheral function input/output.
For details on how to set peripheral functions, refer to each functional description in this manual. If any pin
is used as a peripheral function input, set the direction bit for that pin to 0 (input mode). Any pin used as an
output pin for peripheral functions is directed for output no matter how the corresponding direction bit is set.
19.1 Port Pi Direction Register (PDi Register, i = 0 to 3, 6 to 10)
Figure 19.6
shows the direction registers.
This register selects whether the I/O port is to be used for input or output. The bits in this register corre-
spond one for one to each port.
19.2 Port Pi Register (Pi Register, i = 0 to 3, 6 to 10)
Figure 19.7
shows the Pi registers.
Data input/output to and from external devices are accomplished by reading and writing to the Pi register.
The Pi register consists of a port latch to hold the output data and a circuit to read the pin status. For ports
set for input mode, the input level of the pin can be read by reading the corresponding Pi register, and data
can be written to the port latch by writing to the Pi register.
For ports set for output mode, the port latch can be read by reading the corresponding Pi register, and data
can be written to the port latch by writing to the Pi register. The data written to the port latch is output from
the pin. The bits in the Pi register correspond one for one to each port.
19.3 Pull-up Control Register 0 to 2 (PUR0 to PUR2 Registers)
Figure 19.8
shows registers PUR0 to PUR2.
Registers PUR0 to PUR2 select whether the pins, divided into groups of four pins, are pulled up or not. The
pins, selected by setting the bits in registers PUR0 to PUR2 to 1 (pull-up), are pulled up when the direction
registers are set to 0 (input mode). The pins are pulled up regardless of the pins’ function.
19.4 Port Control Register (PCR Register)
Figure 19.9
shows the port control register.
When the P1 register is read after setting the PCR0 bit in the PCR register to 1, the corresponding port latch
can be read no matter how the PD1 register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com