Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 333Page - Renesas Technology Corp M16C/29 Datasheet HTML 334Page - Renesas Technology Corp M16C/29 Datasheet HTML 335Page - Renesas Technology Corp M16C/29 Datasheet HTML 336Page - Renesas Technology Corp M16C/29 Datasheet HTML 337Page - Renesas Technology Corp M16C/29 Datasheet HTML 338Page - Renesas Technology Corp M16C/29 Datasheet HTML 339Page - Renesas Technology Corp M16C/29 Datasheet HTML 340Page - Renesas Technology Corp M16C/29 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 499 page
background image
18. CRC Calculation Circuit
p
u
o
r
G
9
2
/
C
6
1
M
page 313
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
18. CRC Calculation Circuit
The Cyclic Redundancy Check (CRC) calculation detects errors in blocks of data. The MCU uses a gen-
erator polynomial of CRC_CCITT (X16 + X12 + X5 + 1) or CRC-16 (X16 + X15 + X2 + 1) to generate CRC
code.
The CRC code is a 16-bit code generated for a block of a given data length in multiples of bytes. The code
is updated in the CRC data register everytime one byte of data is transferred to a CRC input register. The
data register must be initialized before use. Generation of CRC code for one byte of data is completed in
two machine cycles.
Figure 18.1
shows the block diagram of the CRC circuit. Figure 18.2 shows the CRC-related registers.
Figure 18.3
shows the calculation example using the CRC_CCITT operation.
18.1 CRC Snoop
The CRC circuit includes the ability to snoop reads and writes to certain SFR addresses. This can be used
to accumulate the CRC value on a stream of data without using extra bandwidth to explicitly write data into
the CRCIN register. All SFR addresses after 002016 are subject to the CRC snoop. The CRC snoop is
useful to snoop the writes to a UART TX buffer, or the reads from a UART RX buffer.
To snoop an SFR address, the target address is written to the CRC snoop Address Register (CRCSAR).
The two most significant bits of this register enable snooping on reads or writes to the target address. If the
target SFR is written to by the CPU or DMA, and the CRC snoop write bit is set (CRCSW=1), the CRC will
latch the data into the CRCIN register. The new CRC code will be set in the CRCD register.
Similarly, if the target SFR is read by the CRC or DMA, and the CRC snoop read bit is set (CRCSR=1), the
CRC will latch the data from the target into the CRCIN register and calculate the CRC.
The CRC circuit can only calculate CRC codes on data byte at a time. Therefore, if a target SFR is
accessed in word (16 bit), only one low-order byte data is stored into the CRCIN register.
Figure 18.1 CRC circuit block diagram
Eight low-order bits
Eight high-order bits
Data bus high-order
Data bus low-order
CRCD register (16)
CRC input register (8)
CRC code generating circuit
x16 + x12 + x5 + 1 OR x16 + x15 + x2 + 1
Address Bus
SnoopB
lock
Snoop
enable
Snoop Address
Equal?
(Address 03BD16, 03BC16)
(Address 03BE16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com