Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 300Page - Renesas Technology Corp M16C/29 Datasheet HTML 301Page - Renesas Technology Corp M16C/29 Datasheet HTML 302Page - Renesas Technology Corp M16C/29 Datasheet HTML 303Page - Renesas Technology Corp M16C/29 Datasheet HTML 304Page - Renesas Technology Corp M16C/29 Datasheet HTML 305Page - Renesas Technology Corp M16C/29 Datasheet HTML 306Page - Renesas Technology Corp M16C/29 Datasheet HTML 307Page - Renesas Technology Corp M16C/29 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 280
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 16.16 Start condition generation timing diagram
Figure 16.17 Stop condition generation timing diagram
Table 16.8 Start/Stop generation timing table
As mentioned above, when bits MST and TRX are set to 1, START condition or STOP condition mode is
entered by writing 1 or 0 to the BB flag in the S10 register and writing 0 to the PIN bit and 4 low-order bits in
the S10 register at the same time. Then SDAMM is left open in the START condition standby mode and
SDAMM is set to low-level ("L") in the STOP condition standby mode. When the S00 register is set, the
START/STOP conditions are generated. In order to set bits MST and TRX to 1 without generating the
START/STOP conditions, write 1 to the 4 low-order bits simultaneously. Table 16.9 lists functions along
with the S10 register settings.
N OTE:
1. Actual time at the time of VIIC = 4MHz, The contents in () denote cycle numbers.
Table 16.9 S10 Register Settings and Functions
S00 register
SCL
SDA
Hold
time
Setup
time
S00 register
SCL
SDA
Setup
time
Hold
time
n
o
it
i
d
n
o
C
p
o
t
S
/t
r
a
t
S
ti
B
t
c
e
l
e
S
n
o
it
a
r
e
n
e
G
e
d
o
M
k
c
o
l
C
d
r
a
d
n
a
t
Se
d
o
M
k
c
o
l
C
d
e
e
p
s
-
h
g
i
H
e
m
it
p
u
t
e
S
00
.
5 µ
)
s
e
l
c
y
c
0
2
(
s5
.
2 µ
)
s
e
l
c
y
c
0
1
(
s
10
.
3
1
µ
)
s
e
l
c
y
c
2
5
(
s5
.
6 µ
)
s
e
l
c
y
c
6
2
(
s
e
m
it
d
l
o
H
00
.
5 µ
)
s
e
l
c
y
c
0
2
(
s5
.
2 µ
)
s
e
l
c
y
c
0
1
(
s
10
.
3
1
µ
)
s
e
l
c
y
c
2
5
(
s5
.
6 µ
)
s
e
l
c
y
c
6
2
(
s
s
g
n
it
t
e
S
r
e
t
s
i
g
e
R
0
1
S
n
o
it
c
n
u
F
T
S
MX
R
TB
BN
I
PL
AS
A
A0
S
AB
R
L
1
1
1
000
0
0
r
e
t
s
a
m
n
i
y
b
d
n
a
t
s
n
o
it
i
d
n
o
c
T
R
A
T
S
e
h
t
p
u
g
n
it
t
e
S
e
d
o
m
ti
m
s
n
a
rt
1
1
0
000
0
0
r
e
t
s
a
m
n
i
y
b
d
n
a
t
s
n
o
it
i
d
n
o
c
P
O
T
S
e
h
t
p
u
g
n
it
t
e
S
e
d
o
m
ti
m
s
n
a
rt
1
/
01
/
0-
0
1
1
1
1
o
t
r
e
f
e
r
(
e
d
o
m
n
o
it
a
c
i
n
u
m
m
o
c
h
c
a
e
p
u
g
n
it
t
e
S
5
.
6
1
I2
r
e
t
s
i
g
e
r
s
u
t
a
t
s
C
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com