Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/29 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # M16C/29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/29 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button M16C/29 Datasheet HTML 299Page - Renesas Technology Corp M16C/29 Datasheet HTML 300Page - Renesas Technology Corp M16C/29 Datasheet HTML 301Page - Renesas Technology Corp M16C/29 Datasheet HTML 302Page - Renesas Technology Corp M16C/29 Datasheet HTML 303Page - Renesas Technology Corp M16C/29 Datasheet HTML 304Page - Renesas Technology Corp M16C/29 Datasheet HTML 305Page - Renesas Technology Corp M16C/29 Datasheet HTML 306Page - Renesas Technology Corp M16C/29 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 499 page
background image
16. MULTI-MASTER I2C bus INTERFACE
p
u
o
r
G
9
2
/
C
6
1
M
page 279
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
16.11 STOP Condition Generation Method
When the ES0 bit in the S1D0 register is set to 1 (I2C bus interface enabled) and bits MST and TRX in the
S10 register are set to 1 at the same time, set the BB flag, PIN bit and 4 low-order bits in the S10 register to
0 simultaneously, to enter STOP condition standby mode. When dummy data is written to the S00 register
next, the STOP condition is generated. The STOP condition generation timing varies between standard
clock mode and high-speed clock mode. See Figure 16.17 and Table 16.8.
Until the BB flag in the S10 register becomes 0 (bus free) after an instruction to generate the STOP condi-
tion is executed, do not write data to registers S10 and S00. Otherwise, the STOP condition waveform may
not be generated correctly.
If an input signal level of the SCL pin is set to low ("L") after the instruction to generate the STOP condition
is executed, a signal level of the SCL pin becomes high ("H"), and the BB flag is set to 0 (bus free), the MCU
outputs an "L" signal to SCL pin.
In that case, the MCU can stop an "L" signal output to the SCL pin by generating the STOP condition, writing
0 to the ES0 bit in the S1D0 register (disabled), or writing 1 to the IHR bit in the S1D0 register (reset
release).
16.10 START Condition Duplicate Protect Function
A START condition is generated when verifying that the BB flag in the S10 register does not use buses.
However, if the BB flag is set to 1 (bus busy) by the START condition which other master device generates
immediately after the BB flag is verified, the START condition is suspended by the START condition dupli-
cate protect function. When the START condition duplicate protect function starts, it operates as follows:
•Disable the start condition standby setting
If the function has already been set, first exit START condition standby mode and then set bits MST and
TRX in the S10 register to 0.
•Writing to the S00 register is disabled. (The START condition trigger generation is disabled)
•If the START condition generation is interrupted, the AL flag in the S10 register becomes 1.(arbitration
lost detection)
The START condition duplicate protect function is valid between the SDA falling edge of the START condi-
tion and the receive completion of the slave address. Figure16.15 shows the duration of the START
condition duplicate protect function.
Figure 16.15 The duration of the start condition duplicate protect function
1 clock
1 bit
SCL
SDA
BB flag
2 bit
3 bit
2 clock
3 clock
8 bit
ACK bit
The duration of start condition duplicate protect
8 clock
ACK clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com