Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Pinout List
Freescale Semiconductor
30
SENSEVDD
P14
Core supply sense
VDD
13
XVDD
AA23
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
XVDD
AB21
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
XVDD
AC24
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
XVDD
R23
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
XVDD
U23
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
XVDD
V21
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
XVDD
W24
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
XVDD
Y22
1.0-V/1.1-V SerDes
I/O power supply
XVDD
—
AVDD_CORE
L1
1.0-V/1.1-V AVDD
supply for the core
PLL
—12
AVDD_DDR
M28
1.0-V/1.1-V AVDD
supply for the DDR
PLL
—12
AVDD_LBIU
AH24
1.0-V/1.1-V AVDD
supply for the eLBC
PLL
—12
AVDD_PLAT
N28
1.0-V/1.1-V AVDD
supply for the platform
PLL
—12
AVDD_QE
K1
1.0-V/1.1-V AVDD
supply for the QUICC
Engine block PLL
—12
AVDD_SRDS
U26
1.0-V/1.1-V AVDD
supply for the SerDes
PLL
—12
GND
AA2
—
—
—
GND
AB15
—
—
—
GND
AB17
—
—
—
GND
AB19
—
—
—
GND
AC9
—
—
—
GND
AD5
—
—
—
GND
AE26
—
—
—
Table 1. MPC8569E Pinout Listing (continued)
Signal1
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com