Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
PCI Express
Freescale Semiconductor
86
2.10.2.1
PCI Express DC Physical Layer Transmitter Specifications
This section discusses the PCI Express DC physical layer transmitter specifications for 2.5 Gb/s.
The following table defines the PCI Express (2.5 Gb/s) DC specifications for the differential output at all transmitters. The
parameters are specified at the component pins.
2.10.2.2
PCI Express DC Physical Layer Receiver Specifications
This section discusses the PCI Express DC physical layer receiver specifications for 2.5 Gb/s
The following table defines the DC specifications for the PCI Express (2.5 Gb/s) differential input at all receivers (RXs). The
parameters are specified at the component pins.
Table 49. PCI Express (2.5Gb/s) Differential Transmitter (TX) Output DC Specifications
At recommended operating conditions with XVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typ
Max
Unit
Comments
Differential peak-to-peak
output voltage
VTX-DIFFp-p
800
10002 /
11003
1200
mV
VTX-DIFFp-p = 2 × |VTX-D+ – VTX-D–| See note 1.
De-emphasized differential
output voltage (ratio)
VTX-DE-RATIO
3.0
3.5
4.0
dB
Ratio of the VTX-DIFFp-p of the second and
following bits after a transition divided by the
VTX-DIFFp-p of the first bit after a transition. See
Note 1.
DC differential TX impedance ZTX-DIFF-DC
80
100
120
Ω
TX DC Differential mode Low Impedance
Transmitter DC impedance
ZTX-DC
40
50
60
Ω
Required TX D+ as well as D– DC Impedance
during all states
Note:
1. Specified at the measurement point into a timing and voltage compliance test load as shown in Figure 46 and measured over
any 250 consecutive TX UIs.
2. Typ-VTX-DIFFp-p with XVDD = 1.0 V
3. Typ-VTX-DIFFp-p with XVDD = 1.1 V
Table 50. PCI Express (2.5 Gb/s) Differential Receiver (RX) Input DC Specifications
At recommended operating conditions with ScoreVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typ
Max
Unit
Comments
Differential input
peak-to-peak
voltage
VRX-DIFFp-p
175
—
1200
mV
VRX-DIFFp-p = 2 × |VRX-D+ – VRX-D–|. See note 1.
DC differential
input impedance
ZRX-DIFF-DC
80
100
120
Ω
RX DC Differential mode impedance. See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com