Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
DDR2 and DDR3 SDRAM Controller
Freescale Semiconductor
48
2.4.2
DDR2 and DDR3 SDRAM Interface AC Timing Specifications
This section provides the AC timing specifications for the DDR SDRAM controller interface. The DDR controller supports both
DDR2 and DDR3 memories. Note that the required GVDD(typ) voltage is 1.8 V or 1.5 V when interfacing to DDR2 or DDR3
SDRAM respectively.
2.4.2.1
DDR2 and DDR3 SDRAM Interface Input AC Timing Specifications
The following table provides the input AC timing specifications for the DDR controller when interfacing to DDR2 SDRAM.
The following table provides the input AC timing specifications for the DDR controller when interfacing to DDR3 SDRAM.
The following table provides the input AC timing specifications for the DDR controller when interfacing to DDR2 and DDR3
SDRAM.
Table 17. DDR2 SDRAM Interface Input AC Timing Specifications
At recommended operating conditions with GVDD of 1.8 V ± 5%
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
> 533 MHz data rate
VILAC
—MVREFn – 0.20
V
—
≤ 533 MHz data rate
—
MVREFn – 0.25
AC input high voltage
> 533 MHz data rate
VIHAC
MVREFn + 0.20
—
V
—
≤ 533 MHz data rate
MVREFn + 0.25
—
Table 18. DDR3 SDRAM Interface Input AC Timing Specifications
At recommended operating conditions with GVDD of 1.5 V ± 5%
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VILAC
—
MVREFn – 0.175
V
—
AC input high voltage
VIHAC
MVREFn + 0.175
—
V
—
Table 19. DDR2 and DDR3 SDRAM Interface Input AC Timing Specifications3
At recommended operating conditions with GVDD of 1.8 V ± 5% for DDR2 or 1.5 V ± 5% for DDR3
Parameter
Symbol
Min
Max
Unit
Note
Controller Skew for MDQS—MDQ/MECC
tCISKEW
——
ps
1
800 MHz data rate
–200
200
1
667 MHz data rate
–240
240
1
533 MHz data rate
–300
300
1
400 MHz data rate
–365
365
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com