Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
Overall DC Electrical Characteristics
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
39
The following figure shows the undershoot and overshoot voltages at the interfaces of the MPC8569E.
Figure 7. Overshoot/Undershoot Voltage for BVDD/GVDD/LVDD/OVDD/XVDD
The core voltage must always be provided at nominal 1.0 or 1.1 V. See Table 3 for actual recommended core voltage. Voltage
to the processor interface I/Os is provided through separate sets of supply pins and must be provided at the voltages shown in
Table 3. The input voltage threshold scales with respect to the associated I/O supply voltage. (B,M,L,O)VDD based receivers
are simple CMOS I/O circuits and satisfy appropriate LVCMOS type specifications. The DDR2 and DDR3 SDRAM interface
uses differential receivers referenced by the externally supplied Dn_MVREF signal (nominally set to GVDD/2) as is appropriate
for the SSTL_1.8 electrical signaling standard for DDR2 or 1.5-V electrical signaling for DDR3. The DDR DQS receivers
cannot be operated in single-ended fashion. The complement signal must be properly driven and cannot be grounded.
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
Nominal (B,G,L,O,X)VDD + 20%
(B,G,L,O,X)VDD
(B,G,L,O,X)VDD + 5%
of tCLOCK
1
1. Note that tCLOCK refers to the clock period associated with the respective interface:
VIH
VIL
Note:
For DDR, tCLOCK references Dn_MCK.
For eLBC, tCLOCK references LCLKn
For I2C and JTAG, tCLOCK references SYSCLK.
.For eLBC, tCLOCK references LCLKn
For SerDEs XVDD, tCLOCK references SD_REF_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com