Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
DDR2 and DDR3 SDRAM Controller
Freescale Semiconductor
46
2.4.1
DDR2 and DDR3 SDRAM Interface DC Electrical Characteristics
The following table provides the recommended operating conditions for the DDR SDRAM controller when interfacing to
DDR2 SDRAM.
The following table provides the recommended operating conditions for the DDR SDRAM controller when interfacing to
DDR3 SDRAM.
Table 13. DDR2 SDRAM Interface DC Electrical Characteristics
At recommended operating condition with GVDD =1.8 V
1
Parameter
Symbol
Min
Max
Unit
Notes
I/O reference voltage
MVREFn
0.49
× GV
DD
0.51
× GV
DD
V2, 3, 4
Input high voltage
VIH
MVREFn +0.125
—
V
5
Input low voltage
VIL
—
MVREFn – 0.125
V
5
Output high current (VOUT =1.320 V)
IOH
—–13.4
mA
6, 7
Output low current (VOUT =0.380 V)
IOL
13.4
—
mA
6, 7
I/O leakage current
IOZ
–50
50
μA8
Notes:
1. GVDD is expected to be within 50 mV of the DRAM’s voltage supply at all times. The DRAM’s and memory controller’s voltage
supply may or may not be from the same source.
2. MVREFn is expected to be equal to 0.5
× GV
DD and to track GVDD DC variations as measured at the receiver. Peak-to-peak
noise on MVREFn may not exceed the MVREFn DC level by more than ±2% of GVDD (that is, ± 36 mV).
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made, and it is expected to be
equal to MVREFn with a min value of MVREFn – 0.04 and a max value of MVREFn +0.04. VTT should track variations in the
DC level of MVREFn.
4. The voltage regulator for MVREFn must meet the specifications stated in Table 16.
5. Input capacitance load for DQ, DQS, and DQS are available in the IBIS models.
6. IOH and IOL are measured at GVDD = 1.7 V.
7. Refer to the IBIS model for the complete output IV curve characteristics.
8. Output leakage is measured with all outputs disabled, 0 V
≤ V
OUT ≤ GVDD.
Table 14. DDR3 SDRAM Interface DC Electrical Characteristics
At recommended operating condition with GVDD =1.5 V
1
Parameter
Symbol
Min
Max
Unit
Note
I/O reference voltage
MVREFn
0.49
× GV
DD
0.51
× GV
DD
V2, 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com