Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 127 page
background image
Input Clocks
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
43
2.3
Input Clocks
The following table provides the system clock (SYSCLK) DC specifications.
Typical
1333
533
800
667
1.1
65
5.7 W
1, 2
Thermal
105
7.9 W
1, 3
Maximum
8.6 W
1, 4
Note:
1. These values do not include power dissipation for I/O supplies.
2. Typical power is an average value measured while running the Dhrystone benchmark, using the nominal process and
recommended core voltage (VDD) at 65 °C junction temperature (see Table 3).
3. Thermal power is the maximum power measured while running the Dhrystone benchmark, using the worst case process and
recommended core voltage (VDD) at maximum operating junction temperature (see Table 3).
4. Maximum power is the maximum power measured while running a test which includes an entirely L1-cache-resident,
contrived sequence of instructions that keeps the execution unit maximally busy and a typical workload on platform interfaces,
using the worst case process and nominal core voltage (VDD) at maximum operating junction temperature (see Table 3).
5. This table includes power numbers for the VDD, AVDD_n, and ScoreVDD rails.
Table 9. SYSCLK DC Electrical Characteristics
At recommended operating conditions with OVDD = 3.3 V ± 165 mV
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input high voltage
VIH
2.0
—
—
V
1
Input low voltage
VIL
——
0.8
V
1
Input capacitance
CIN
—
10.5
11.5
pf
—
Input current (VIN= 0 V or VIN = VDD)
IIN
——
±50
μA2
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 3.
Table 8. MPC8569E Power Dissipation (continued)
Power Mode
Core
Frequency
(MHz)
Platform
Frequency
(MHz)
DDR Data
Rate
Frequency
(MHz)
QUICC
Engine
Block
Frequency
(MHz)
VDD
Core
(V)
Junction
Temperature
(
°C)
Power5
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com