Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
Pinout List
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
17
TDI
P21
I
OVDD
26
TDO
P23
O
OVDD
25
TMS
N22
I
OVDD
26
TRST
P22
I
OVDD
26
Programmable Interrupt Controller
IRQ0
R20
I
OVDD
—
IRQ1
T21
I
OVDD
—
IRQ2
R26
I
OVDD
—
IRQ3
R25
I
OVDD
—
IRQ4/MSRCID3
N20
I
OVDD
—
IRQ5/MSRCID4
R21
I
OVDD
—
IRQ6/MDVAL
R22
I
OVDD
—
IRQ_OUT
M20
O
OVDD
5, 6, 11
MCP
M22
I
OVDD
6
UDE
M21
I
OVDD
6
QUICC Engine Block
QE_PA0
T11
I/O
LVDD1—
QE_PA1
U11
I/O
LVDD1—
QE_PA2
R11
I/O
LVDD1—
QE_PA3
U10
I/O
LVDD1—
QE_PA4
R10
I/O
LVDD1—
QE_PA5
V11
I/O
OVDD
—
QE_PA6
R9
I/O
LVDD1—
QE_PA7
U9
I/O
LVDD1—
QE_PA8
T8
I/O
LVDD1—
QE_PA9
U8
I/O
LVDD1—
QE_PA10
V10
I/O
OVDD
—
QE_PA11
V9
I/O
OVDD
—
QE_PA12
R8
I/O
LVDD1—
QE_PA13
V8
I/O
OVDD
—
QE_PA14
P7
I/O
LVDD2—
QE_PA15
L6
I/O
LVDD2—
QE_PA16
M6
I/O
LVDD2—
QE_PA17
N6
I/O
LVDD2—
QE_PA18
L5
I/O
LVDD2—
Table 1. MPC8569E Pinout Listing (continued)
Signal1
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com