Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Ethernet Interface
Freescale Semiconductor
72
2.6.5
QUICC Engine Block IEEE 1588 Electrical Characteristics
2.6.5.1
QUICC Engine Block IEEE 1588 DC Specifications
The following table shows the QUICC Engine block IEEE 1588 DC specifications when operating from a 3.3 V supply.
2.6.5.2
QUICC Engine Block IEEE 1588 AC Specifications
The following table provides the QUICC Engine block IEEE 1588 AC timing specifications.
Table 40. QUICC Engine Block IEEE 1588 DC Electrical Characteristics
At recommended operating conditions with OVDD =3.3 V
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
1
Input low voltage
VIL
—0.90
V
—
Input high current (VIN = OVDD)IIH
—40
μA2
Input low current (VIN = GND)
IIL
–600
—
μA2
Output high voltage (OVDD = min, IOH = –4.0 mA)
VOH
2.1
OVDD + 0.3
V
—
Output low voltage (OVDD = min, IOL = 4.0 mA)
VOL
GND
0.50
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol VIN, in this case, represents the OVIN symbols referenced in Table 2 and Table 3.
Table 41. QUICC Engine Block IEEE 1588 AC Timing Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Notes
QE_1588_CLK clock period
tT1588CLK
3.8
—
TRX_CLK × 7
ns
1, 3
QE_1588_CLK duty cycle
tT1588CLKH/
tT1588CLK
40
50
60
%
5
QE_1588_CLK peak-to-peak jitter
tT1588CLKINJ
——
250
ps
5
Rise time QE_1588_CLK (20%–80%)
tT1588CLKINR
1.0
—
2.0
ns
5
Fall time QE_1588_CLK (80%–20%)
tT1588CLKINF
1.0
—
2.0
ns
5
QE_1588_CLK_OUT clock period
tT1588CLKOUT
2×tT1588CLK
——
ns
—
QE_1588_CLK_OUT duty cycle
tT1588CLKOTH/
tT1588CLKOUT
30
50
70
%
—
QE_1588_PPS_OUT
tT1588OV
0.5
—
4.0
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com