Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
HDLC, BISYNC, Transparent, and Synchronous UART Interfaces
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
77
The following table provides the input and output AC timing specifications for the synchronous UART protocols.
The following figure provides the AC test load.
Figure 35. AC Test Load
Inputs—External clock input setup time
tHEIVKH
4—
ns
—
Inputs—Internal clock input hold time
tHIIXKH
0—
ns
—
Inputs—External clock input hold time
tHEIXKH
1.3
—
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tHIKHOX symbolizes the outputs internal
timing (HI) for the time tserial memory clock reference (K) goes from the high state (H) until outputs (O) are invalid (X).
2. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
Table 46. Synchronous UART AC Timing Specifications
For recommended operating conditions, see Table 3
Characteristic
Symbol1
Min
Max
Unit
Notes
Outputs—Internal clock delay
tHIKHOV
011
ns
2
Outputs—External clock delay
tHEKHOV
114
ns
2
Outputs—Internal clock high Impedance
tHIKHOX
011
ns
2
Outputs—External clock high Impedance
tHEKHOX
114
ns
2
Inputs—Internal clock input setup time
tHIIVKH
10
—
ns
—
Inputs—External clock input setup time
tHEIVKH
8—
ns
—
Inputs—Internal clock input hold time
tHIIXKH
0—
ns
—
Inputs—External clock input hold time
tHEIXKH
1—
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tHIKHOX symbolizes the outputs internal
timing (HI) for the time tserial memory clock reference (K) goes from the high state (H) until outputs (O) are invalid (X).
2. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
Table 45. HDLC, BISYNC, and Transparent AC Timing Specifications (continued)
For recommended operating conditions, see Table 3
Characteristic
Symbol1
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com