Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Pinout List
Freescale Semiconductor
16
LAD12
AE21
I/O
BVDD
23
LAD13
AE20
I/O
BVDD
23
LAD14
AF22
I/O
BVDD
23
LAD15
AD21
I/O
BVDD
23
LALE
AH20
O
BVDD
20
LBCTL
AE15
O
BVDD
20
LCLK0
AF18
O
BVDD
11
LCLK1
AF16
O
BVDD
11
LCS0
AC18
O
BVDD
2
LCS1
AC16
O
BVDD
2
LCS2
AB16
O
BVDD
2
LCS3
AC14
O
BVDD
21
LCS4/IRQ8
AD14
I/O
BVDD
21
LCS5/IRQ9
AE23
I/O
BVDD
21
LCS6/IRQ10
AD22
I/O
BVDD
21
LCS7/IRQ11
AC22
I/O
BVDD
21
LDP0
AB14
I/O
BVDD
—
LDP1
AA15
I/O
BVDD
—
LGPL0/LFCLE
AA19
O
BVDD
2
LGPL1/LFALE
AA17
O
BVDD
2
LGPL2/LOE/LFRE
AD20
O
BVDD
20
LGPL3/LFWP
AA20
O
BVDD
2
LGPL4/LUPWAIT/LBPBSE/LFRB
AA18
I/O
BVDD
29
LGPL5
AA16
O
BVDD
2
LSYNC_IN
AH16
I
BVDD
—
LSYNC_OUT
AH15
O
BVDD
—
LWE0/LBS0LFWE
AB20
O
BVDD
11
LWE1/LBS1
AB18
O
BVDD
24
I2C
IIC1_SDA
AH26
I/O
OVDD
5, 28
IIC1_SCL
AG26
I/O
OVDD
5, 28
IIC2_SDA/SD_CLK
AG25
I/O
OVDD
3
IIC2_SCL/SD_CD
AF26
I/O
OVDD
3
JTAG
TCK
N21
I
OVDD
—
Table 1. MPC8569E Pinout Listing (continued)
Signal1
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com