Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 127 page
background image
Serial RapidIO (SRIO)
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
91
(RD and RD). Each signal swings between A volts and B volts where A > B. Using these waveforms, the definitions are as
follows:
1.
The transmitter output signals and the receiver input signals TD, TD, RD, and RD each have a peak-to-peak swing of
A – B volts
2.
The differential output signal of the transmitter, VOD, is defined as VTD – VTD
3.
The differential input signal of the receiver, VID, is defined as VRD – VRD
4.
The differential output signal of the transmitter and the differential input signal of the receiver each range from A – B
to –(A – B) volts
5.
The peak value of the differential transmitter output signal and the differential receiver input signal is A – B volts
6.
The peak-to-peak value of the differential transmitter output signal and the differential receiver input signal is
2
× (A – B) volts
Figure 47. Differential Peak-Peak Voltage of Transmitter or Receiver
To illustrate these definitions using real values, consider the case of a CML (current mode logic) transmitter that has a common
mode voltage of 2.25 V and each of its outputs, TD and TD, has a swing that goes between 2.5 and 2.0 V. Using these values,
the peak-to-peak voltage swing of the signals TD and TD is 500 mV p-p. The differential output signal ranges between 500 and
–500 mV. The peak differential voltage is 500 mV. The peak-to-peak differential voltage is 1000 mV p-p.
2.11.2
Equalization
With the use of high speed serial links, the interconnect media will cause degradation of the signal at the receiver. Effects such
as inter-symbol interference (ISI) or data dependent jitter are produced. This loss can be large enough to degrade the eye opening
at the receiver beyond what is allowed in the specification. To negate a portion of these effects, equalization can be used. The
most common equalization techniques that can be used are:
•
Pre-emphasis on the transmitter
•
A passive high pass filter network placed at the receiver. This is often referred to as passive equalization.
•
The use of active circuits in the receiver. This is often referred to as adaptive equalization.
Differential Peak-to-Peak = 2
× (A – B)
A Volts
TD or RD
TD or RD
B Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com