Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Ethernet Interface
Freescale Semiconductor
58
The following figure provides the MII AC test load.
Figure 16. MII AC Test Load
The following figure shows the MII receive AC timing diagram.
Figure 17. MII Receive AC Timing Diagram
2.6.3.3
SMII AC Timing Specification
The following table shows the SMII timing specifications.
The following figure shows the SMII mode signal timing.
Figure 18. SMII Mode Signal Timing
Table 29. SMII Mode Signal Timing
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Note
ETHSYNC_IN, ETHRXD to ETHCLOCK rising edge setup time
tSMDVKH
1.5
—
ns
—
ETHCLOCK rising edge to ETHSYNC_IN, ETHRXD hold time
tSMDXKH
1.0
—
ns
—
ETHCLOCK rising edge to ETHSYNC, ETHTXD output delay
tSMXR
1.5
5.5
ns
—
Output
Z0 = 50 Ω
LVDD/2
RL = 50 Ω
RX_CLK
RXD[3:0]
tMRDXKL
tMRX
tMRXH
tMRXR
tMRXF
RX_DV
RX_ER
tMRDVKH
Valid Data
Valid
ETHCLOCK
ETHSYNC_IN
ETHRXD
ETHSYNC
ETHTXD
Valid
Valid
tSMXR
tSMDXKH
tSMDVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com