Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Overall DC Electrical Characteristics
Freescale Semiconductor
38
Core power supply for SerDes transceiver
ScoreVDD
1.0 V ± 30 mV
1.1 V ± 33 mV
V1
Pad power supply for SerDes transceiver
XVDD
1.0 V ± 30 mV
1.1 V ± 33 mV
V1
DDR2 and DDR3 DRAM I/O voltage
GVDD
1.8 V ± 90 mV
1.5 V ± 75 mV
V4
QUICC Engine block Ethernet interface I/O voltage
LVDD1
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
QUICC Engine block Ethernet interface I/O voltage
LVDD2
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
Debug, DMA, DUART, PIC, I2C, JTAG, power management, QUICC
Engine block, eSDHC, GPIO, clocking, SPI, I/O voltage select and
system control I/O voltage
OVDD
3.3 V ± 165 mV
V
—
Enhanced local bus I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
1.8 V ± 90 mV
V—
Input voltage
DDR2 and DDR3 DRAM signals
MVIN
GND to GVDD
V3
DDR2 DRAM reference
MVREF
GVDD/2 ± 2%
V
3
DDR3 DRAM reference
MVREF
GVDD/2 ± 1%
V
3
Ethernet signals
LVIN
GND to LVDDn
V3
Enhanced local bus signals
BVIN
GND to BVDD
V3
Debug, DMA, DUART, PIC, I2C, JTAG, power
management, QUICC Engine, eSDHC, GPIO,
clocking, SPI, I/O voltage select and system
control I/O voltage
OVIN
GND to OVDD
V3
SerDes signals
XVIN
GND to XVDD
V—
Operating
Temperature
range
Commercial
TA,
TJ
TA = 0 (min) to
TJ = 105 (max)
oC—
Notes:
1. A nominal voltage of 1.1 V is recommended for CPU speeds of 1.33 GHz and QUICC Engine block speeds of 667 MHz.
2. This voltage is the input to the filter and not the voltage at the AVDD pin, which may be reduced from VDD by the filter.
3. Caution: (B,M,L,O,X)VIN must not exceed (B,G,L,O,X)VDD by more than 0.3 V. This limit may be exceeded for a maximum of
20 ms during power-on reset and power-down sequences.
4. The 1.8 V ± 90 mV range is for DDR2, and the 1.5 V ± 75 mV range is for DDR3.
Table 3. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com