Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
DDR2 and DDR3 SDRAM Controller
Freescale Semiconductor
50
2.4.2.2
DDR2 and DDR3 SDRAM Interface Output AC Timing Specifications
The following table contains the output AC timing targets for the DDR2 and DDR3 SDRAM interface.
Table 20. DDR2 and DDR3 SDRAM Interface Output AC Timing Specifications6
At recommended operating conditions with GVDD of 1.8 V ± 5% for DDR2 or 1.5 V ± 5% for DDR3.
Parameter
Symbol1
Min
Max
Unit
Notes
MCK[n] cycle time
tMCK
2.5
5
ns
2
ADDR/CMD output setup with respect to
MCK
tDDKHAS
ns
3
800 MHz
667 MHz
533 MHz
400 MHz
0.9177
0.888
1.10
1.48
1.95
—
—
—
—
ADDR/CMD output hold with respect to
MCK
tDDKHAX
ns
3
800 MHz
667 MHz
533 MHz
400 MHz
0.9177
0.888
1.10
1.48
1.95
—
—
—
—
MCS[n] output setup with respect to MCK
tDDKHCS
ns
3
800 MHz
667 MHz
533 MHz
400 MHz
0.917
1.10
1.48
1.95
—
—
—
—
MCS[n] output hold with respect to MCK
tDDKHCX
ns
3
800 MHz
667 MHz
533 MHz
400 MHz
0.917
1.10
1.48
1.95
—
—
—
—
MCK to MDQS skew
tDDKHMH
ns
4
800 MHz
≤ 667 MHz
–0.375
–0.6
0.375
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com