Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
69
2.6.4.1.3
SGMII DC Receiver Electrical Characteristics
The following table lists the SGMII DC receiver electrical characteristics. Source synchronous clocking is not supported. Clock
is recovered from the data.
s
2.6.4.2
SGMII AC Timing Specifications
This section discusses the AC timing specifications for the SGMII interface.
2.6.4.2.1
AC Requirements for SGMII SD_REF_CLK and SD_REF_CLK
Note that the SGMII clock requirements for SD_REF_CLK and SD_REF_CLK are intended to be used within the clocking
guidelines specified by Section 2.9.2.4, “AC Requirements for SerDes Reference Clocks.”
Table 37. SGMII DC Receiver Electrical Characteristics
At recommended operating conditions with XVDD = 1.0 V ± 3% and 1.1 V ± 3%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
DC Input voltage range
—
N/A
—
1
Input differential voltage
LSTS = 001
VRX_DIFFp-p
100
—
1200
mV
2, 4
LSTS = 100
175
—
Loss of signal threshold
LSTS = 001
VLOS
30
—
100
mV
3, 4
LSTS = 100
65
—
175
Receiver differential input impedance
ZRX_DIFF
80
—
120
Ω
—
Notes:
1. Input must be externally AC-coupled.
2. VRX_DIFFp-p is also referred to as peak-to-peak input differential voltage.
3. The concept of this parameter is equivalent to the electrical idle detect threshold parameter in PCI Express. See
Section 2.10.2, “PCI Express DC Physical Layer Specifications,” and Section 2.10.3, “PCI Express AC Physical Layer
Specifications,” for further explanation.
4. The LSTS shown in this table refers to the LSTS2 or LSTS3 bit field of the MPC8569E‘s SerDes control register SRDSCR4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com