Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
High-Speed SerDes Interfaces (HSSI)
Freescale Semiconductor
78
Figure 36 and Figure 37 represent the AC timing from Table 45 and Table 46. Note that although the specifications generally
refer to the rising edge of the clock, these AC timing diagrams also apply when the falling edge is the active edge. Also note
that the clock edge is selectable.
The following figure shows the timing with external clock.
Figure 36. AC Timing (External Clock) Diagram
The following figure shows the timing with internal clock.
Figure 37. AC Timing (Internal Clock) Diagram
2.9
High-Speed SerDes Interfaces (HSSI)
The MPC859E features a serializer/deserializer (SerDes) interface to be used for high-speed serial interconnect
applications.The SerDes interface can be used for PCI Express and/or Serial RapidIO and/or SGMII data transfers.
This section describes the common portion of SerDes DC electrical specifications, which is the DC requirement for SerDes
reference clocks. The SerDes data lane’s transmitter (Tx) and receiver (Rx) reference circuits are also shown.
2.9.1
Signal Terms Definition
The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms used in the description
and specification of differential signals.
The below figure shows how the signals are defined. For illustration purposes only, one SerDes lane is used in the description.
The following figure shows the waveform for either a transmitter output (SDn_TX and SDn_TX) or a receiver input (SDn_RX
and SDn_RX). Each signal swings between A volts and B volts where A > B.
Serial CLK (Input)
tHEIXKH
tHEIVKH
tHEKHOV
tHEKHOX
Note: The clock edge is selectable.
Input Signals:
(See Note)
Output Signals:
(See Note)
Serial CLK (Output)
tHIIXKH
tHIKHOV
Input Signals:
Output Signals:
tHIIVKH
tHIKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com