Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
Overall DC Electrical Characteristics
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
37
2.1.1.1
Recommended Operating Conditions
The following table provides the recommended operating conditions for this device. Proper device operation outside these
conditions is not guaranteed.
QUICC Engine block Ethernet interface I/O voltage
LVDD2
–0.3 to 3.63
–0.3 to 2.75
V—
Debug, DMA, DUART, PIC, I2C, JTAG, power management,
QUICC Engine block, eSDHC, GPIO, clocking, SPI, I/O
voltage select and system control I/O voltage
OVDD
–0.3 to 3.63
V
—
Enhanced local bus I/O voltage
BVDD
–0.3 to 3.63
–0.3 to 2.75
–0.3 to 1.98
V—
Input voltage
DDR2/DDR3 DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2, 3
DDR2/DDR3 DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
—
Ethernet signals
LVIN
–0.3 to (LVDDn + 0.3)
V
3
Enhanced local bus signals
BVIN
–0.3 to (BVDD + 0.3)
—
3
Debug, DMA, DUART, PIC, I2C,
JTAG, power management,
QUICC Engine block, eSDHC,
GPIO, clocking, SPI, I/O voltage
select and system control I/O
voltage
OVIN
–0.3 to (OVDD + 0.3)
V
3
SerDes signals
XVIN
–0.3 to (XVDD + 0.3)
V
—
Storage junction temperature range
TSTG
–55 to 150
°C—
Notes:
1. Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. The –0.3 to 1.98 V range is for DDR2, and the –0.3 to 1.65 V range is for DDR3.
3. Caution: (B,M,L,O,X)VIN must not exceed (B,G,L,O,X)VDD by more than 0.3 V. This limit may be exceeded for a maximum of
20 ms during power-on reset and power-down sequences.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
VDD
1.0 V ± 30 mV
1.1 V ± 33 mV
V1
PLL supply voltage
AVDD_CORE,
AVDD_DDR,
AVDD_LBIU,
AVDD_PLAT,
AVDD_QE,
AVDD_SRDS
1.0 V ± 30 mV
1.1 V ± 33 mV
V2
Table 2. Absolute Maximum Ratings1 (continued)
Characteristic
Symbol
Range
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com