Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Overall DC Electrical Characteristics
Freescale Semiconductor
36
2
Electrical Characteristics
This section provides the AC and DC electrical specifications for the MPC8569E. This device is currently targeted to these
specifications, some of which are independent of the I/O cell, but are included for a more complete reference. These are not
purely I/O buffer design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the DC ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
The following table provides the absolute maximum ratings.
26. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
27. When operating in DDR2 mode, connect Dn_MDIC[0] to ground through an 18.2-
Ω (full-strength mode) or 36.4-Ω
(half-strength mode) precision 1% resistor and connect Dn_MDIC[1] to GVDD through an 18.2-Ω (full-strength mode) or
36.4-
Ω (half-strength mode) precision 1% resistor. When operating in DDR3 mode, connect Dn_MDIC[0] to ground through
a 20-
Ω (full-strength mode) or 40.2-Ω (half-strength mode) precision 1% resistor and connect Dn_MDIC[1] to GV
DD through
a 20-
Ω (full-strength mode) or 40.2-Ω (half-strength mode) precision 1% resistor. These pins are used for automatic
calibration of the DDR IOs.
28. Recommend a pull-up resistor (1 k
Ω) to be placed on this pin to OV
DD.
29. For systems which boot from local bus (GPCM)-controlled NOR flash or (FCM)-controlled NAND flash, a pull up on LGPL4
is required.
30. If unused, these pins must be connected to GND.
31. If unused, these pins must be left unconnected.
32. These pins may be connected to a temperature diode monitoring device such as the On Semiconductor, NCT1008™. If a
temperature diode monitoring device is not connected, these pins may be connected to test point or left as a no connect.
Table 2. Absolute Maximum Ratings1
Characteristic
Symbol
Range
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.21
V
—
PLL supply voltage
AVDD_CORE
AVDD_DDR,
AVDD_LBIU,
AVDD_PLAT,
AVDD_QE,
AVDD_SRDS
–0.3 to 1.21
V
—
Core power supply for SerDes transceiver
ScoreVDD
–0.3 to 1.21
V
—
Pad power supply for SerDes transceiver
XVDD
–0.3 to 1.21
V
—
DDR2 and DDR3 DRAM I/O voltage
GVDD
–0.3 to 1.98
–0.3 to 1.65
V2
QUICC Engine block Ethernet interface I/O voltage
LVDD1
–0.3 to 3.63
–0.3 to 2.75
V—
Table 1. MPC8569E Pinout Listing (continued)
Signal1
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com