Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Ethernet Interface
Freescale Semiconductor
70
2.6.4.2.2
SGMII Transmit AC Timing Specifications
The following table provides the SGMII transmit AC timing specifications. A source synchronous clock is not supported. The
AC timing specifications do not include RefClk jitter.
2.6.4.2.3
SGMII AC Measurement Details
Transmitter and receiver AC characteristics are measured at the transmitter outputs (SD_TXn and SD_TXn) or at the receiver
inputs (SD_RXn and SD_RXn), as depicted in the following figure, respectively.
Figure 29. SGMII AC Test/Measurement Load
Table 38. SGMII Transmit AC Timing Specifications
At recommended operating conditions with XVDD = 1.0 V ± 3% and 1.1 V ± 3%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter
JD
—
—
0.17
UI p-p
—
Total jitter
JT
—
—
0.35
UI p-p
2
Unit interval
UI
799.92
800
800.08
ps
1
AC coupling capacitor
CTX
10
—
200
nF
3
Notes:
1. Each UI is 800 ps ± 100 ppm.
2. See Figure 30 for single frequency sinusoidal jitter limits.
3. The external AC coupling capacitor is required. It is recommended that it be placed near the device transmitter outputs.
TX
Silicon
+ Package
C = CTX
C = CTX
R = 50
Ω
R = 50
Ω
D+ Package
Pin
D– Package
Pin
D+ Package
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com