Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Serial RapidIO (SRIO)
Freescale Semiconductor
92
2.11.3
DC Requirements for Serial RapidIO
This section explains the DC requirements for the Serial RapidIO interface.
2.11.3.1
DC Requirements for Serial RapidIO SD_REF_CLK and SD_REF_CLK
The characteristics and DC requirements of the separate SerDes reference clocks of the SRIO interface are described in
Section 2.9.2.3, “DC Level Requirement for SerDes Reference Clocks.”
2.11.3.2
DC Serial RapidIO Timing Transmitter Specifications
The LP-serial transmitter electrical and timing specifications are given in the following sections.
The differential return loss, S11, of the transmitter in each case are better than the following:
•
–10 dB for (Baud Frequency)
÷ 10 < Freq(f) < 625 MHz
•
–10 dB + 10log(f
÷ 625 MHz) dB for 625 MHz ≤ Freq(f) ≤ Baud Frequency
The reference impedance for the differential return loss measurements is 100-
Ω resistive. Differential return loss includes
contributions from on-chip circuitry, chip packaging, and any off-chip components related to the driver. The output impedance
requirement applies to all valid output levels.
It is recommended that the 20%–80% rise/fall time of the transmitter, as measured at the transmitter output, in each case have
a minimum value 60 ps.
It is recommended that the timing skew at the output of an LP-serial transmitter between the two signals that comprise a
differential pair not exceed 25 ps at 1.25 GB, 20 ps at 2.50 GB, and 15 ps at 3.125 GB.
The following table defines the serial RapidIO transmitter DC specifications.
2.11.3.3
DC Serial RapidIO Receiver Specifications
The LP-serial receiver electrical and timing specifications are given in the following sections.
Receiver input impedance shall result in a differential return loss better that 10 dB and a common mode return loss better than
6 dB from 100 MHz to (0.8)
× (baud frequency). This includes contributions from on-chip circuitry, the chip package, and any
off-chip components related to the receiver. AC coupling components are included in this requirement. The reference
impedance for return loss measurements is 100-
Ω resistive for differential return loss and 25-Ω resistive for common mode.
Table 53. SRIO Transmitter DC Timing Specifications—1.25, 2.5, and 3.125 GBauds
At recommended operating conditions with XVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output voltage
VO
–0.40
—
2.30
V
1
Long-run differential output voltage
VDIFFPP
800
—
1600
mV p-p
—
Short-run differential output voltage
VDIFFPP
500
—
1000
mV p-p
—
Note:
1. Voltage relative to COMMON of either signal comprising a differential pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com