Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
57
2.6.3.2.1
MII Transmit AC Timing Specifications
The following table provides the MII transmit AC timing specifications.
The following figure shows the MII transmit AC timing diagram.
Figure 15. MII Transmit AC Timing Diagram
2.6.3.2.2
MII Receive AC Timing Specifications
The following table provides the MII receive AC timing specifications.
Table 27. MII Transmit AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
TX_CLK clock period 10 Mbps
tMTX
399.96
400
400.04
ns
—
TX_CLK clock period 100 Mbps
tMTX
39.996
40
40.004
ns
—
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
—
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay
tMTKHDX
0
—
25
ns
—
TX_CLK data clock rise (20%–80%)
tMTXR
1.0
—
4.0
ns
—
TX_CLK data clock fall (80%–20%)
tMTXF
1.0
—
4.0
ns
—
Table 28. MII Receive AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
RX_CLK clock period 10 Mbps
tMRX
399.96
400
400.04
ns
1
RX_CLK clock period 100 Mbps
tMRX
39.996
40
40.004
ns
1
RX_CLK duty cycle
tMRXH/tMRX
35
—
65
%
2
RXD[3:0], RX_DV, RX_ER setup time to RX_CLK
tMRDVKH
10.0
—
—
ns
RXD[3:0], RX_DV, RX_ER hold time to RX_CLK
tMRDXKH
10.0
—
—
ns
RX_CLK clock rise (20%–80%)
tMRXR
1.0
—
4.0
ns
2
RX_CLK clock fall time (80%–20%)
tMRXF
1.0
—
4.0
ns
2
Note:
1. The frequency of RX_CLK should not exceed the frequency of TX_CLK by more than 300 ppm.
2. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing.
TX_CLK
TXD[3:0]
tMTKHDX
tMTX
tMTXH
tMTXR
tMTXF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com