Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
59
2.6.3.4
RMII AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications.
2.6.3.4.1
RMII Transmit AC Timing Specifications
The following table shows the RMII transmit AC timing specifications.
The following figure shows the RMII transmit AC timing diagram.
Figure 19. RMII Transmit AC Timing Diagram
2.6.3.4.2
RMII Receive AC Timing Specifications
The following table provides the RMII receive AC timing specifications.
Table 30. RMII Transmit AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
REF_CLK clock period
tRMT
—
20.0
—
ns
—
REF_CLK duty cycle
tRMTH
35
—
65
%
—
REF_CLK peak-to-peak jitter
tRMTJ
——
250
ps
—
Rise time REF_CLK (20%–80%)
tRMTR
1.0
—
4.0
ns
—
Fall time REF_CLK (80%–20%)
tRMTF
1.0
—
4.0
ns
—
REF_CLK to RMII data TXD[1:0], TX_EN delay
tRMTDX
2.0
—
10.0
ns
—
Table 31. RMII Receive AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
REF_CLK clock period
tRMR
—
20.0
—
ns
—
REF_CLK duty cycle
tRMRH
35
—
65
%
1
REF_CLK peak-to-peak jitter
tRMRJ
—
—
250
ps
1
Rise time REF_CLK (20%–80%)
tRMRR
1.0
—
4.0
ns
1
REF_CLK
TXD[1:0]
tRMTDX
tRMT
tRMTH
tRMTR
tRMTF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com