Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
High-Speed SerDes Interfaces (HSSI)
Freescale Semiconductor
82
— For external DC-coupled connection, as described in Section 2.9.2.2, “SerDes Reference Clock Receiver
Characteristics,” the maximum average current requirements sets the requirement for average voltage (common
mode voltage) to be between 100 and 400 mV. The following figure shows the SerDes reference clock input
requirement for DC-coupled connection scheme.
Figure 40. Differential Reference Clock Input DC Requirements (External DC-Coupled)
— For external AC-coupled connection, there is no common mode voltage requirement for the clock driver. Since
the external AC-coupling capacitor blocks the DC level, the clock driver and the SerDes reference clock receiver
operate in different command mode voltages. The SerDes reference clock receiver in this connection scheme has
its common mode voltage set to SCOREGND. Each signal wire of the differential inputs is allowed to swing
below and above the command mode voltage (SCOREGND). The following figure shows the SerDes reference
clock input requirement for AC-coupled connection scheme.
Figure 41. Differential Reference Clock Input DC Requirements (External AC-Coupled)
•
Single-ended mode
— The reference clock can also be single-ended. The SD_REF_CLK input amplitude (single-ended swing) must be
between 400 and 800 mV peak-peak (from Vmin to Vmax) with SD_REF_CLK either left unconnected or tied to
ground.
— The SD_REF_CLK input average voltage must be between 200 and 400 mV. Figure 42 shows the SerDes
reference clock input requirement for single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs might need to be DC- or AC-coupled
externally. For the best noise performance, the reference of the clock could be DC- or AC-coupled into the unused
phase (SD_REF_CLK) through the same source impedance as the clock input (SD_REF_CLK) in use.
SD_REF_CLK
SD_REF_CLK
Vmax < 800 mV
Vmin > 0V
100 mV < Vcm < 400 mV
200 mV < Input Amplitude or Differential Peak < 800 mV
SD_REF_CLK
SD_REF_CLK
Vcm
200 mV < Input Amplitude or Differential Peak < 800 mV
Vmax
< Vcm + 400 mV
Vmin
> Vcm – 400 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com