Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Pinout List
Freescale Semiconductor
18
QE_PA19
P1
I/O
OVDD
—
QE_PA20
M5
I/O
LVDD2—
QE_PA21
N5
I/O
LVDD2—
QE_PA22
L4
I/O
LVDD2—
QE_PA23
M4
I/O
LVDD2—
QE_PA24
N1
I/O
OVDD
—
QE_PA25
R1
I/O
OVDD
—
QE_PA26
N4
I/O
LVDD2—
QE_PA27
T1
I/O
OVDD
—
QE_PA28
N2
I/O
OVDD
—
QE_PA29
P6
I/O
LVDD1—
QE_PA30
U6
I/O
LVDD1—
QE_PA31
T5
I/O
LVDD1—
QE_PB0
R5
I/O
LVDD1—
QE_PB1
P5
I/O
LVDD1—
QE_PB2
V6
I/O
OVDD
—
QE_PB3
T3
I/O
LVDD1—
QE_PB4
U3
I/O
LVDD1—
QE_PB5
U4
I/O
LVDD1—
QE_PB6
U5
I/O
LVDD1—
QE_PB7
V3
I/O
OVDD
11
QE_PB8
V4
I/O
OVDD
—
QE_PB9
P4
I/O
LVDD1—
QE_PB10
V5
I/O
OVDD
—
QE_PB11
W11
I/O
OVDD
—
QE_PB12
L11
I/O
LVDD2—
QE_PB13
M11
I/O
LVDD2—
QE_PB14
N11
I/O
LVDD2—
QE_PB15
P11
I/O
LVDD2—
QE_PB16
P10
I/O
LVDD2—
QE_PB17
P2
I/O
OVDD
—
QE_PB18
L10
I/O
LVDD2—
QE_PB19
M9
I/O
LVDD2—
QE_PB20
N9
I/O
LVDD2—
QE_PB21
P9
I/O
LVDD2—
Table 1. MPC8569E Pinout Listing (continued)
Signal1
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com