Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
73
The following figure shows the data and command output AC timing diagram.
1QUICC Engine block IEEE 1588 Output AC timing: The output delay is counted starting at the rising
edge if tT11588CLKOUT is non-inverting. Otherwise, it is counted starting at the falling edge.
Figure 31. QUICC Engine Block IEEE 1588 Output AC Timing
The following figure shows the data and command input AC timing diagram.
Figure 32. QUICC Engine Block IEEE 1588 Input AC Timing
QE_1588_TRIG_IN pulse width
tT1588TRIGH
2×tT1588CLK_
MAX
——
ns
2
QE_PTP_SOF_TX_IN pulse width
tT1588TRIGH
TTX_CLK ×2
—
—
ns
4
QE_PTP_SOF_RX_IN pulse width
tT1588TRIGH
TRX_CLK ×2
—
—
ns
4
Notes:
1. TRX_CLK is the max clock period of the QUICC Engine block’s receiving clock selected by TMR_CTRL[CKSEL]. See the
QUICC Engine Block with Protocol Interworking Reference Manual, for a description of TMR_CTRL registers.
2. It needs to be at least two times the clock period of the clock selected by TMR_CTRL[CKSEL]. See the QUICC Engine Block
with Protocol Interworking Reference Manual, for a description of TMR_CTRL registers.
3. The maximum value of tT1588CLK is not only defined by the value of tRX_CLK, but also defined by the recovered clock. For
example, for 10/100/1000 Mbps modes, the maximum value of tT1588CLK are 2800, 280, and 56 ns, respectively.
4. The minimum value of tTX/RXCLK is defined by the recovered clock. For example, for 10/100/1000 Mbps modes, the value of
tTX/RXCLK are 800, 80, and 16 ns, respectively.
5. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing.
Table 41. QUICC Engine Block IEEE 1588 AC Timing Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
QE_1588_CLK_OUT
QE_1588_PPS_OUT
tT1588OV
tT1588CLKOUT
tT1588CLKOUTH
QE_1588_CLK
QE_1588_TRIG_IN
tT1588CLK
tT1588TRIGH
tT1588CLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com