Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Ethernet Management Interface
Freescale Semiconductor
74
The following figure shows the data and command input AC timing diagram.
Figure 33. QUICC Engine Block IEEE 1588 Input AC Timing (SOF TRIG)
2.7
Ethernet Management Interface
The electrical characteristics specified in this section apply to the MII management interface signals management data
input/output (MDIO) and management data clock (MDC). The electrical characteristics for GMII, RGMII, TBI, and RTBI are
specified in Section 2.6, “Ethernet Interface.”
2.7.1
MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 3.3 V. The following table provides the DC electrical
characteristics for MDIO and MDC.
Table 42. MII Management DC Electrical Characteristics
At recommended operating conditions with LVDD = 3.3 V
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
—
V
—
Input low voltage
VIL
—0.90
V
—
Input high current (LVDD = Max, VIN = 2.1 V)
IIH
—40
μA1
Input low current (LVDD = Max, VIN = 0.5 V)
IIL
–600
—
μA1
Output high voltage (LVDD = Min, IOH = –4.0 mA)
VOH
2.4
—
V
—
Output low voltage (LVDD = Min, IOL = 4.0 mA)
VOL
—0.4
V
—
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 2 and Table 3.
TX_CLK/RX_CLK
QE_PTP_SOF_TX_IN/
tTTX/RXCLK
QE_PTP_SOF_RX_IN
tT1588TRIGH
tT1588CLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com