Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Ethernet Interface
Freescale Semiconductor
66
2.6.4.1.2
SGMII Transmit DC Timing Specifications
Table 36 and Table 37 describe the SGMII SerDes transmitter and receiver AC-coupled DC electrical characteristics.
Transmitter DC characteristics are measured at the transmitter outputs, SD_TX[n] and SD_TX[n], as shown in Figure 28.
Table 36. SGMII DC Transmitter Electrical Characteristics
At recommended operating conditions with XVDD = 1.0 V ± 3% and 1.1 V ± 3%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output high voltage
VOH
——
XVDD-Typ/2 +
|VOD|-max/2
mV
1
Output low voltage
VOL
XVDD-Typ/2 –
|VOD|-max/2
——
mV
1
Output differential voltage2, 3, 4
(XVDD-Typ at 1.0 V)
|VOD|
320.0
500.0
725.0
mV
Equalization
setting: 1.0×
293.8
459.0
665.6
Equalization
setting: 1.09×
266.9
417.0
604.7
Equalization
setting: 1.2×
240.6
376.0
545.2
Equalization
setting: 1.33×
213.1
333.0
482.9
Equalization
setting: 1.5×
186.9
292.0
423.4
Equalization
setting: 1.71×
160.0
250.0
362.5
Equalization
setting: 2.0×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com