Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
67
Output differential voltage2, 3, 4
(XVDD-Typ at 1.1 V)
|VOD|
352.0
550.0
797.5
mV
Equalization
setting: 1.0×
323.1
504.9
732.1
Equalization
setting: 1.09×
293.6
458.7
665.1
Equalization
setting: 1.2×
264.7
413.6
599.7
Equalization
setting: 1.33×
234.4
366.3
531.1
Equalization
setting: 1.5×
205.6
321.2
465.7
Equalization
setting: 1.71×
176.0
275.0
398.8
Equalization
setting: 2.0×
Output impedance (single-ended)
RO
40
50
60
Ω
—
Notes:
1. This does l not align to DC-coupled SGMII.
2. |VOD| = |VSD_TXn – VSD_TXn|. |VOD| is also referred as output differential peak voltage. VTX-DIFFp-p = 2 × |VOD|.
3. The |VOD| value shown in the table assumes the following transmit equalization setting in the XMITEQAB (for SerDes lanes
0 & 1) or XMITEQEF (for SerDes lanes 2 & 3) bit field of the MPC8569E SerDes control register:
• The MSB (bit 0) of the above bit field is set to zero (selecting the full VDD-DIFF-p-p amplitude—power up default);
• The LSB (bit [1:3]) of the above bit field is set based on the equalization setting shown in table.
4. The |VOD| value shown in the Typ column is based on the condition of XVDD-Typ = 1.0V and 1.1 V, no common mode offset
variation, SerDes transmitter is terminated with 100-
Ω differential load between SD_TX[n] and SD_TX[n].
Table 36. SGMII DC Transmitter Electrical Characteristics (continued)
At recommended operating conditions with XVDD = 1.0 V ± 3% and 1.1 V ± 3%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com