Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
61
2.6.3.5.1
TBI Transmit AC Timing Specifications
The following table provides the TBI transmit AC timing specifications.
The following figure shows the TBI transmit AC timing diagram.
Figure 22. TBI Transmit AC Timing Diagram
2.6.3.5.2
TBI Receive AC Timing Specifications
The following table provides the TBI receive AC timing specifications.
Table 32. TBI Transmit AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
GTX_CLK clock period
tGTX
—8.0
—
ns
—
TCG[9:0] setup time GTX_CLK going high
tTTKHDV
2.0
—
—
ns
—
GTX_CLK to TCG[9:0] delay time
tTTKHDX
1.0
—
—
ns
1
GTX_CLK rise (20%–80%)
tTTXZ
0.7
—
—
ns
—
GTX_CLK fall time (80%–20%)
tTTXF
0.7
—
—
ns
—
Note:
1. Data valid tTTKHDV to GTX_CLK minimum setup time is a function of clock and maximum hold time
(min setup = cycle time – max delay).
Table 33. TBI Receive AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
PMA_RX_CLK[0:1] clock period
tTRX
—
16.0
—
ns
1
PMA_RX_CLK[0:1] skew
tSKTRX
7.5
—
8.5
ns
—
PMA_RX_CLK[0:1] duty cycle
tTRXH/tTRX
40
—
60
%
2
RCG[9:0] setup time to rising PMA_RX_CLK
tTRDVKH
2.5
—
—
ns
—
GTX_CLK
TCG[9:0]
tTTX
tTTXH
tTTXR
tTTXF
tTTKHDV
tTTKHDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com