Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Serial RapidIO (SRIO)
Freescale Semiconductor
90
2.10.4
Compliance Test and Measurement Load
The AC timing and voltage parameters must be verified at the measurement point. The package pins of the device must be
connected to the test/measurement load within 0.2 inches of that load, as shown in the following figure.
NOTE
The allowance of the measurement point to be within 0.2 inches of the package pins is
meant to acknowledge that package/board routing may benefit from D+ and D– not being
exactly matched in length at the package pin boundary. If the vendor does not explicitly
state where the measurement point is located, the measurement point is assumed to be the
D+ and D– package pins.
Figure 46. Compliance Test/Measurement Load
2.11
Serial RapidIO (SRIO)
This section describes the DC and AC electrical specifications for the Serial RapidIO interface of the MPC8569E, for the
LP-serial physical layer. The electrical specifications cover both single- and multiple-lane links. Two transmitters (short and
long run) and a single receiver are specified for each of three baud rates, 1.25, 2.50, and 3.125 GBaud.
Two transmitter specifications allow for solutions ranging from simple board-to-board interconnect to driving two connectors
across a backplane. A single receiver specification is given that will accept signals from both the short- and long-run transmitter
specifications.
The short-run transmitter must be used mainly for chip-to-chip connections on either the same printed-circuit board or across a
single connector. This covers the case where connections are made to a mezzanine (daughter) card. The minimum swings of the
short-run specification reduce the overall power used by the transceivers.
The long-run transmitter specifications use larger voltage swings that are capable of driving signals across backplanes. This
allows a user to drive signals across two connectors and a backplane. The specifications allow a distance of at least 50 cm at all
baud rates.
All unit intervals are specified with a tolerance of ±100 ppm. The worst case frequency difference between any transmit and
receive clock is 200 ppm.
To ensure interoperability between drivers and receivers of different vendors and technologies, AC-coupling at the receiver
input must be used.Signal Definitions
2.11.1
Signal Definitions
This section defines terms used in the description and specification of differential signals used by the LP-Serial links. Figure 47
shows how the signals are defined. The figures show waveforms for either a transmitter output (TD and TD) or a receiver input
TX
Silicon
+ Package
C = CTX
C = CTX
R = 50
Ω
R = 50
Ω
D+ Package
Pin
D– Package
Pin
D+ Package
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com