Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
71
2.6.4.2.4
SGMII Receiver AC Timing Specifications
The following table provides the SGMII receive AC timing specifications. The AC timing specifications do not include RefClk
jitter. Source synchronous clocking is not supported. Clock is recovered from the data.
The sinusoidal jitter in the total jitter tolerance may have any amplitude and frequency in the unshaded region of the following
figure.
Figure 30. Single Frequency Sinusoidal Jitter Limits
Table 39. SGMII Receive AC Timing Specifications
At recommended operating conditions with XVDD = 1.0 V ± 3%. and 1.1 V ± 3%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic Jitter Tolerance
JD
0.37
—
—
UI p-p
1, 2, 4
Combined Deterministic and Random Jitter Tolerance
JDR
0.55
—
—
UI p-p
1, 2, 4
Total Jitter Tolerance
JT
0.65
—
—
UI p-p
1, 2, 4
Bit Error Ratio
BER
—
—
10-12
——
Unit Interval
UI
799.92
800.00
800.08
ps
3
Notes:
1. Measured at receiver.
2. See RapidIO 1x/4x LP Serial Physical Layer Specification for interpretation of jitter specifications.
3. Each UI is 800 ps ± 100 ppm.
4. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is guar-
anteed for inputs meeting this requirement by design, simulation, characterization, or functional testing.
8.5 UI p-p
0.10 UI p-p
22.1 kHz
1.875 MHz
20 MHz
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com