Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
High-Speed SerDes Interfaces (HSSI)
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
83
Figure 42. Single-Ended Reference Clock Input DC Requirements
2.9.2.4
AC Requirements for SerDes Reference Clocks
The following table lists AC requirements for the PCI Express, SGMII, and Serial RapidIO SerDes reference clocks to be
guaranteed by the customer’s application design.
Table 48. SD_REF_CLK and SD_REF_CLK Input Clock Requirements
At recommended operating conditions with ScoreVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typ
Max
Unit
Notes
SD_REF_CLK/SD_REF_CLK frequency range
tCLK_REF
—100/125
—
MHz
1
SD_REF_CLK/SD_REF_CLK clock frequency
tolerance
tCLK_TOL
–350
—
350
ppm
—
SD_REF_CLK/SD_REF_CLK reference clock duty
cycle
tCLK_DUTY
40
50
60
%
7
SD_REF_CLK/SD_REF_CLK max deterministic
peak-peak jitter at 10-6 BER
tCLK_DJ
——
42
ps
7
SD_REF_CLK/SD_REF_CLK total reference clock
jitter at 10-6 BER (peak-to-peak jitter at refClk input)
tCLK_TJ
—
—
86
ps
2, 7
SD_REF_CLK/SD_REF_CLK rising/falling edge rate
tCLKRR/tCLKFR
1—4
V/ns
3, 7
SD_REF_CLK
SD_REF_CLK
400 mV < SD_REF_CLK Input Amplitude < 800 mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com