Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8569E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
FC–PBGA–783
29 mm
× 29 mm
Freescale Semiconductor
Data Sheet: Technical Data
© 2008–2012 Freescale Semiconductor, Inc. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required
to permit improvements in the design of its products.
• High-performance, 32-bit e500 core, scaling up to
1.33 GHz, that implements the Power Architecture®
technology
– 2799 MIPS at 1.33 GHz (estimated Dhrystone 2.1)
– 36-bit physical addressing
– Double-precision embedded floating point APU using
64-bit operands
– Embedded vector and scalar single-precision
floating-point APUs using 32- or 64-bit operands
– Memory management unit (MMU)
• Integrated L1/L2 cache
– L1 cache—32-Kbyte data and 32-Kbyte instruction
– L2 cache—512-Kbyte (8-way set associative)
• Two DDR2/DDR3 SDRAM memory controllers with full
ECC support
– One 64-bit or two 32-bit data bus configuration
– Up to 400 MHz clock (800 MHz data rate)
– Supporting up to 16 Gbytes of main memory
– Using ECC, detects and corrects all single-bit errors and
detects all double-bit errors and all errors within a nibble
– Invoke a level of system power management by
asserting MCKE SDRAM signal on-the-fly to put the
memory into a low-power sleep mode
– Both hardware and software options to support
battery-backed main memory
– Initialization bypass feature that allow system designers
to prevent re-initialization of main memory during
system power on following abnormal shutdown
• Integrated security engine (SEC) optimized to process all
the algorithms associated with IPsec, IKE, SSL/TLS,
iSCSI, SRTP, IEEE Std 802.11i™, IEEE Std 802.16™
(WiMAX), IEEE 802.1ae™ (MACSec), 3GPP, A5/3 for
GSM and EDGE, and GEA3 for GPRS.
– XOR engine for parity checking in RAID storage
applications
– Four crypto-channels, each supporting multi-command
descriptor chains
– Cryptographic execution units for PKEU, DEU, AESU,
AFEU, MDEU, KEU, CRCU, RNG and SEU- SNOW
• QUICC Engine technology
– Four 32-bit RISC cores
– Supports Ethernet, ATM, POS, and T1/E1 along with
associated interworking
– Four Gigabit Ethernet interfaces (up to two with
SGMII)
– Up to eight 10/100-Mbps Ethernet interfaces
– Up to 16 T1/E1 TDM links (512 × 64 channels)
– Multi-PHY UTOPIA/POS-PHY L2 interface
(16-bit)
– IEEE Std 1588™ v2 support
– SPI and Ethernet PHY management interface
– One full-/low-speed USB interface supporting USB 2.0
– General-purpose I/O signals
• High-speed interfaces (multiplexed) supporting:
– Two 1× Serial RapidIO interfaces (with message unit) or
one 4x interface
– ×4/×2/×1 PCI Express interface
– Two SGMII interfaces
• On-chip network switch fabric
• 133 MHz, 16-bit, 3.3 V I/O, enhanced local bus (eLBC)
with memory controller
• Enhanced secured digital host controller (eSDHC) used for
SD/MMC card interface
• Integrated four-channel DMA controller
• Dual I2C and dual universal asynchronous
receiver/transmitter (DUART) support
• Programmable interrupt controller (PIC)
• IEEE Std 1149.1™ JTAG test access port
• 1.0-V and 1.1-V core voltages with 3.3-V, 2.5-V, 1.8-V,
1.5-V and 1.0-V I/O
• 783-pin FC-PBGA package, 29 mm
× 29 mm
Document Number: MPC8569EEC
Rev. 1, 02/2012
MPC8569E PowerQUICC III
Integrated Processor
Hardware Specifications
MPC8569E


Similar Part No. - MPC8569E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560 NXP-MPC8560 Datasheet
1Mb / 108P
Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JB NXP-MPC8560CPX667JB Datasheet
1Mb / 108P
Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JC NXP-MPC8560CPX667JC Datasheet
1Mb / 108P
Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667LB NXP-MPC8560CPX667LB Datasheet
1Mb / 108P
Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results

Similar Description - MPC8569E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
Clock Generator for PowerQUICC III
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
PowerQUICC III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
PowerQUICC III Integrated Processor Hardware Specifications
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
Clock Generator for PowerQUICC III
logo
Freescale Semiconductor...
MPC8548CVTAQGD FREESCALE-MPC8548CVTAQGD Datasheet
250Kb / 2P
MPC8548E PowerQUICC??III Processor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com