Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 127 page
background image
PCI Express
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
87
2.10.3
PCI Express AC Physical Layer Specifications
This section contains the DC specifications for the physical layer of PCI Express on this device.
2.10.3.1
PCI Express AC Physical Layer Transmitter Specifications
This section discusses the PCI Express AC physical layer transmitter specifications for 2.5 Gb/s.
The following table defines the PCI Express (2.5Gb/s) AC specifications for the differential output at all transmitters (TXs).
The parameters are specified at the component pins. The AC timing specifications do not include RefClk jitter.
DC input
impedance
ZRX-DC
40
50
60
Ω
Required RX D+ as well as D– DC impedance
(50 ± 20% tolerance). See Notes 1 and 2.
Powered down
DC input
impedance
ZRX-HIGH-IMP-DC
50
—
—
ΚΩ
Required RX D+ as well as D– DC Impedance when
the receiver terminations do not have power. See Note
3.
Electrical idle
detect threshold
VRX-IDLE-DET-
DIFFp-p
65
—
175
mV
VRX-IDLE-DET-DIFFp-p = 2 × |VRX-D+ – VRX-D–|.
Measured at the package pins of the receiver.
Notes:
1. Specified at the measurement point and measured over any 250 consecutive UIs. The test load in Figure 46 must be used
as the RX device when taking measurements. If the clocks to the RX and TX are not derived from the same reference clock,
the TX UI recovered from 3500 consecutive UI must be used as a reference for the eye diagram.
2. Impedance during all LTSSM states. When transitioning from a fundamental reset to detect (the initial state of the LTSSM)
there is a 5 ms transition time before receiver termination values must be met on all unconfigured lanes of a port.
3. The RX DC common mode impedance that exists when no power is present or fundamental reset is asserted. This helps
ensure that the receiver detect circuit will not falsely assume a receiver is powered on when it is not. This term must be
measured at 300 mV above the RX ground.
Table 51. PCI Express (2.5Gb/s) Differential Transmitter (TX) Output AC Specifications
At recommended operating conditions with XVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typ
Max
Unit
Comments
Unit Interval
UI
399.88
400.00
400.12
ps
Each UI is 400 ps ± 300 ppm. UI does not account
for spread spectrum clock dictated variations. See
Note 1.
Minimum TX eye
width
TTX-EYE
0.70
—
—
UI
The maximum transmitter jitter can be derived as
TTX-MAX-JITTER = 1 – TTX-EYE = 0.3 UI.
See Notes 2 and 3.
Maximum time
between the jitter
median and
maximum
deviation from the
median
TTX-EYE-MEDIAN-
to-MAX-JITTER
—
—
0.15
UI
Jitter is defined as the measurement variation of the
crossing points (VTX-DIFFp-p = 0 V) in relation to a
recovered TX UI. A recovered TX UI is calculated
over 3500 consecutive unit intervals of sample data.
Jitter is measured using all edges of the 250
consecutive UI in the center of the 3500 UI used for
calculating the TX UI. See Notes 2 and 3.
Table 50. PCI Express (2.5 Gb/s) Differential Receiver (RX) Input DC Specifications (continued)
At recommended operating conditions with ScoreVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com