Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Overall DC Electrical Characteristics
Freescale Semiconductor
40
2.1.1.2
Output Driver Characteristics
The following table provides information on the characteristics of the output driver strengths. The values are preliminary
estimates.
2.1.2
Power Sequencing
The MPC8569E requires its power rails to be applied in a specific sequence to ensure proper device operation. These
requirements are as follows for power up:
1.
VDD, AVDD_n, BVDD, LVDDn, OVDD, ScoreVDD, XVDD
2.
GVDD
All supplies must be at their stable values within 50 ms.
Items on the same line have no ordering requirement with respect to one another. Items on separate lines must be ordered
sequentially such that voltage rails on a previous step must reach 90% of their value before the voltage rails on the current step
reach 10% of theirs.
NOTE
While VDD is ramping, current may be supplied from VDD through the MPC8569E to
GVDD. Nevertheless, GVDD from an external supply should follow the sequencing
described above.
From a system standpoint, if any of the I/O power supplies ramp prior to the VDD core supply, the I/Os associated with that I/O
supply may drive a logic one or zero during power up, and extra current may be drawn by the device.
2.1.3
RESET Initialization
This section describes the AC electrical specifications for the RESET timing requirements of the MPC8569E. The following
table describes the specifications for the RESET initialization timing.
Table 4. Output Drive Capability
Driver Type
Programmable Output Impedance (
Ω)
Supply Voltage
Notes
Enhanced local bus interface utilities signals
45
45
45
BVDD = 3.3 V
BVDD = 2.5 V
BVDD = 1.8 V
—
DDR2 signal
18 (full strength mode)
35 (half strength mode)
GVDD = 1.8 V
1
DDR3 signal
20 (full strength mode)
40 (half strength mode)
GVDD = 1.5 V
1
DUART, EPIC, I2C, JTAG, system control
45
OVDD = 3.3 V
—
Note:
1. The drive strength of the DDR2 or DDR3 interface in half-strength mode is at TJ = 105°C and at GVDD (min). Refer to the
MPC8569 reference manual for the DDR impedance programming procedure through the DDR control driver register 1
(DDRCDR_1).
Table 5. RESET Initialization Timing Specifications
Parameter
Min
Max
Unit
Notes
Required assertion time of HRESET
10
—
SYSCLK
1, 2
Minimum assertion time of TRESET simultaneous to HRESET assertion
25
—
ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com