Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Serial RapidIO (SRIO)
Freescale Semiconductor
94
2.11.4.2
AC Requirements for Serial RapidIO Transmitter
The following table defines the transmitter AC specifications for the Serial RapidIO. The AC timing specifications do not
include RefClk jitter
The following table defines the receiver AC specifications for Serial RapidIO. The AC timing specifications do not include
RefClk jitter.
Table 55. SRIO Transmitter AC Timing Specifications
At recommended operating conditions with XVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Deterministic jitter
JD
—
—
0.17
UI p-p
—
Total jitter
JT
—
—
0.35
UI p-p
—
Unit Interval: 1.25 GBaud
UI
800 – 100ppm
800
800 + 100ppm
ps
—
Unit Interval: 2.5 GBaud
UI
400 – 100ppm
400
400 + 100ppm
ps
—
Unit Interval: 3.125 GBaud
UI
320 – 100ppm
320
320 + 100ppm
ps
—
Table 56. SRIO Receiver AC Timing Specifications
At recommended operating conditions with ScoreVDD = 1.0 V ± 3%. and 1.1 V ± 3%.
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Deterministic jitter tolerance
JD
0.37
—
—
UI p-p
1, 3
Combined deterministic and random jitter
tolerance
JDR
0.55
—
—
UI p-p
1, 3
Total jitter tolerance2
JT
0.65
—
—
UI p-p
1, 3
Bit error rate
BER
—
—
10–12
——
Unit Interval: 1.25 GBaud
UI
800 – 100ppm
800
800 + 100ppm
ps
—
Unit Interval: 2.5 GBaud
UI
400 – 100ppm
400
400 + 100ppm
ps
—
Unit Interval: 3.125 GBaud
UI
320 – 100ppm
320
320 + 100ppm
ps
—
Notes:
1. Measured at receiver
2. Total jitter is composed of three components: deterministic jitter, random jitter and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 48. The sinusoidal jitter component
is included to ensure margin for low-frequency jitter, wander, noise, crosstalk, and other variable system effects.
3. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com