Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Power Characteristics
Freescale Semiconductor
42
2.1.4
Power-on Ramp Rate
This section describes the AC electrical specifications for the power-on ramp rate requirements. Controlling the maximum
Power-On Ramp Rate is required to avoid falsely triggering the ESD circuitry. The following table provides the power supply
ramp rate specifications.
2.2
Power Characteristics
The following table shows the power dissipations of the VDD supply for various operating core complex bus clock (CCB_clk)
frequencies versus the core, DDR data rate, and QUICC Engine block frequencies. Note that these numbers are based on design
estimates only and are preliminary. More accurate power numbers are available after the measurement on the silicon is
complete.
Table 7. Power Supply Ramp Rate
Parameter
Min
Max
Unit
Notes
Required ramp rate for all voltage supplies (including OVDD/CVDD/
GVDD/BVDD/SVDD/LVDD, All VDD supplies, MVREF and all AVDD sup-
plies.)
—
36000
V/s
1, 2
Note:
1. Ramp rate is specified as a linear ramp from 10 to 90%. If non-linear (for example, exponential), the maximum rate of change
from 200 to 500 mV is the most critical as this range may falsely trigger the ESD circuitry.
2. Over full recommended operating temperature range (see Table 3).
Table 8. MPC8569E Power Dissipation
Power Mode
Core
Frequency
(MHz)
Platform
Frequency
(MHz)
DDR Data
Rate
Frequency
(MHz)
QUICC
Engine
Block
Frequency
(MHz)
VDD
Core
(V)
Junction
Temperature
(
°C)
Power5
Notes
Typical
800
400
600
400
1.0
65
3.4 W
1, 2
Thermal
105
4.9 W
1, 3
Maximum
5.4 W
1, 4
Typical
1067
533
667
533
1.0
65
3.9 W
1, 2
Thermal
105
5.4 W
1, 3
Maximum
6.0 W
1, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com