Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
High-Speed SerDes Interfaces (HSSI)
Freescale Semiconductor
80
may often differ from one component’s output to the other’s input. It may be different between the
receiver input and driver output circuits within the same component. It is also referred to as the DC
offset on some occasions.
To illustrate these definitions using real values, consider the example of a current mode logic (CML) transmitter that has a
common mode voltage of 2.25 V and outputs, TD and TD. If these outputs have a swing from 2.0 V to 2.5 V, the peak-to-peak
voltage swing of each signal (TD or TD) is 500 mV p-p, which is referred to as the single-ended swing for each signal. Because
the differential signaling environment is fully symmetrical in this example, the transmitter output’s differential swing (VOD) has
the same amplitude as each signal’s single-ended swing. The differential output signal ranges between 500 mV and –500 mV.
In other words, VOD is 500 mV in one phase and –500 mV in the other phase. The peak differential voltage (VDIFFp) is 500 mV.
The peak-to-peak differential voltage (VDIFFp-p) is 1000 mV p-p.
2.9.2
SerDes Reference Clocks
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by the corresponding
SerDes lanes.The SerDes reference clock inputs are SD_REF_CLK and SD_REF_CLK for PCI Express, Serial RapidIO, and
SGMII interface, respectively.
The following sections describe the SerDes reference clock requirements and provide application information.
2.9.2.1
SerDes Spread Spectrum Clock Source Recommendations
SD_REF_CLK/SD_REF_CLK are designed to work with spread spectrum clock for PCI Express protocol only with the
spreading specification defined in Table 47. When using spread spectrum clocking for PCI Express, both ends of the link
partners should use the same reference clock. For best results, a source without significant unintended modulation must be used.
The spread spectrum clocking cannot be used if the same SerDes reference clock is shared with other non-spread spectrum
supported protocols. For example, if the spread spectrum clocking is desired on a SerDes reference clock for PCI Express and
the same reference clock is used for any other protocol such as SGMII/SRIO due to the SerDes lane usage mapping option,
spread spectrum clocking cannot be used at all.
2.9.2.2
SerDes Reference Clock Receiver Characteristics
The following figure shows a receiver reference diagram of the SerDes reference clocks.
Table 47. SerDes Spread Spectrum Clock Source Recommendations
At recommended operating conditions. See Table 3.
Parameter
Min
Max
Unit
Notes
Frequency modulation
30
33
kHz
—
Frequency spread
+0
–0.5
%
1
Note:
1. Only down spreading is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com