Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
PCI Express
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
85
2.9.2.5
SerDes Transmitter and Receiver Reference Circuits
The following figure shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 45. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section (SGMII, PCI Express, or Serial
Rapid IO) in this document based on the application usage
•
Section 2.6.4, “SGMII Interface Electrical Characteristics”
•
Section 2.10, “PCI Express”
•
Section 2.11, “Serial RapidIO (SRIO)”
Note that external AC-coupling capacitor is required for the above three serial transmission protocols with the capacitor value
defined in the specification of each protocol section.
2.9.2.6
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm) of each other at all
times. This is specified to allow bit rate clock sources with a ±300 ppm tolerance.
2.10
PCI Express
This section describes the DC and AC electrical specifications for the PCI Express bus of the MPC8569E.
2.10.1
PCI Express DC Requirements for SD_REF_CLK and SD_REF_CLK
For more information, see Section 2.9.2.3, “DC Level Requirement for SerDes Reference Clocks.”
2.10.2
PCI Express DC Physical Layer Specifications
This section contains the DC specifications for the physical layer of PCI Express on this device.
50
Ω
Receiver
Transmitter
SD_TXn
SD_TXn
SD_RXn
SD_RXn
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com