Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 127 page
background image
Ethernet Interface
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
55
2.6.3
GMII, MII, RMII, SMII, TBI, RGMII, and RTBI AC Timing Specifications
This section describes the AC timing specifications for GMII, MII, RMII, SMII, TBI, RGMII, and RTBI.
2.6.3.1
GMII Timing Specifications
This section describe the GMII transmit and receive AC timing specifications.
2.6.3.1.1
GMII Transmit AC Timing Specifications
The following table provides the GMII transmit AC timing specifications.
The following figure shows the GMII transmit AC timing diagram.
Figure 12. GMII Transmit AC Timing Diagram
Input low current (VIN = GND)
IIL
–15
—
μA1, 2
Output high voltage (LVDD = min, IOH = –1.0 mA)
VOH
2.00
LVDD + 0.3
V
—
Output low voltage (LVDD =min, IOL = 1.0 mA)
VOL
GND – 0.3
0.40
V
—
Note:
1. The symbol VIN, in this case, represents the LVIN symbols referenced in Table 2 and Table 3.
2. The min VILand max VIH values are based on the respective min and max LVIN values found in Table 3.
Table 25. GMII Transmit AC Timing Specifications
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Typ
Max
Unit
Note
GTX_CLK clock period
tGTX
7.5
—
8.5
ns
—
GMII data TXD[7:0], TX_ER, TX_EN setup time
tGTKHDV
2.5
—
—ns—
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
0.5
—
—ns—
GTX_CLK data clock rise time (20%–80%)
tGTXR
—
1.0
—ns—
GTX_CLK data clock fall time (80%–20%)
tGTXF
—
1.0
—ns—
Table 24. RGMII and RTBI DC Electrical Characteristics (continued)
At recommended operating conditions with LVDD =2.5 V
Parameter
Symbol
Min
Max
Unit
Note
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
tGTKHDV
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com