Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
HDLC, BISYNC, Transparent, and Synchronous UART Interfaces
Freescale Semiconductor
76
2.8
HDLC, BISYNC, Transparent, and Synchronous UART Interfaces
This section describes the DC and AC electrical specifications for the high level data link control (HDLC), BISYNC,
transparent, and synchronous UART interfaces of the MPC8569E.
2.8.1
HDLC, BISYNC, Transparent, and Synchronous UART DC Electrical
Characteristics
The following table provides the DC electrical characteristics for the HDLC, BISYNC, Transparent, and synchronous UART
interfaces.
2.8.2
HDLC, BISYNC, Transparent, and Synchronous UART AC Timing
Specifications
The following table provides the input and output AC timing specifications for the HDLC, BISYNC, and Transparent protocols.
Table 44. HDLC, BISYNC, and Transparent DC Electrical Characteristics
For recommended operating conditions, see Table 3
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Input current (OVIN = 0 V or OVIN = OVDD)IIN
—±40
μA2
Output high voltage (OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
—
Output low voltage (OVDD = min, IOL = 2 mA)
VOL
—0.4
V
—
Note:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN represents the input voltage of the supply. It is referenced in Table 3.
Table 45. HDLC, BISYNC, and Transparent AC Timing Specifications
For recommended operating conditions, see Table 3
Characteristic
Symbol1
Min
Max
Unit
Notes
Outputs—Internal clock delay
tHIKHOV
05.5
ns
2
Outputs—External clock delay
tHEKHOV
18.4
ns
2
Outputs—Internal clock high Impedance
tHIKHOX
05.5
ns
2
Outputs—External clock high Impedance
tHEKHOX
18
ns
2
Inputs—Internal clock input setup time
tHIIVKH
6—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com